Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC47M107S-MC Datasheet(PDF) 9 Page - SMSC Corporation

Part # LPC47M107S-MC
Description  100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M107S-MC Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LPC47M107S-MC Datasheet HTML 5Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 6Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 7Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 8Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 9Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 10Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 11Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 12Page - SMSC Corporation LPC47M107S-MC Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 188 page
background image
Page 9
DESCRIPTION OF PIN FUNCTIONS
PIN
No./
QFP
NAME
TOTAL
SYMBOL
BUFFER
TYPE
BUFFER
TYPE
PER
FUNCTION
(NOTE 1)
NOTES
47
General Purpose I/O
/MIDI_OUT
1
GP26
/MIDI_OUT
IO12
(I/O12/OD12)/
O12
50
General Purpose I/O
/SMI Output
1
GP27
/nIO_SMI
IO12
(I/O12/OD12)/
OD12
48
General Purpose I/O /
LED
1
GP60 /LED1
IO12
(I/O12/OD12)/
O12
10
49
General Purpose I/O /
LED
1
GP61 /LED2
IO12
(I/O12/OD12)/
O12
10
17
General Purpose I/O /
Power Management
Event
1
GP42
/nIO_PME
IO12
(I/O12/OD12)/
OD12
28
General Purpose I/O
/Device Disable Reg.
Control
1
GP43/DDRC
IO8
(I/O8/OD8)/I
Note:
The "n" as the first letter of a signal name indicates an "Active Low" signal.
Note 1: Buffer types per function on multiplexed pins are separated by a slash “/”. Buffer types in parenthesis
represent multiple buffer types for a single pin function.
Note 2: The nLPCPD pin may be tied high. The LPC interface will function properly if the nPCI_RESET signal
follows the protocol defined for the nLRESET signal in the “Low Pin Count Interface Specification”.
Note 3: If the 32kHz input clock is not used the CLKI32 pin must be grounded. There is a bit in the configuration
register at 0xF0 in Logical Device A that indicates whether or not the 32kHz clock is connected. This bit
determines the clock source for the fan tachometer, LED and “wake on specific key” logic. Set this bit to ‘1’
if the clock is not connected.
Note 4. The fan control pins (FAN1 and FAN2) come up as outputs and low following a VCC POR and Hard Reset.
These pins revert to their non-inverting GPIO output function when VCC is removed from the part.
Note 5: The IRTX pins (IRTX2/GP35 and GP53/TXD2 (IRTX)) are driven low when the part is powered by VTR
(VCC=0V with VTR=3.3V). These pins will remain low following a power-up (VCC POR) until serial port 2 is
enabled by setting the activate bit, at which time the pin will reflect the state of the transmit output of the
Serial Port 2 block.
Note 6:The VCC power-up default for this pin is Logic “0” if the IRTX function is programmed on the GPIO.
Note 7: VTR can be connected to VCC if no wakeup functionality is required.
Note 8: The GP24 /SYSOPT pin requires an external pulldown resistor to put the base IO address for configuration
at 0x02E. An external pullup resistor is required to move the base IO address for configuration to 0x04E.
Note 9: External pullups must be placed on the nKBDRST and A20M pins. These pins are GPIOs that are inputs
after an initial power-up (VTR POR). If the nKBDRST and A20M functions are to be used, the system must
ensure that these pins are high. See Section “Pins That Require External Pullup Resistor”.
Note 10: The LED pins are powered by VTR so that the LEDs can be controlled when the part is under VTR power


Similar Part No. - LPC47M107S-MC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M107S-MC SMSC-LPC47M107S-MC Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
More results

Similar Description - LPC47M107S-MC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47M10X SMSC-LPC47M10X Datasheet
244Kb / 5P
   100 Pin Enhanced Super I/O Controller with LPC Interface for Consumer Applications
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47M112 SMSC-LPC47M112_07 Datasheet
1Mb / 204P
   Enhanced Super I/O Controller with LPC Interface
LPC47S422 SMSC-LPC47S422 Datasheet
79Kb / 4P
   Enhanced Super I/O with LPC Interface for Server Applications
LPC47N227 SMSC-LPC47N227_07 Datasheet
118Kb / 5P
   100 Pin Super I/O with LPC Interface for Notebook Applications
47N227 SMSC-47N227 Datasheet
856Kb / 202P
   100 Pin Super I/O with LPC Interface for Notebook Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com