Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF20AG Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SF20AG
Description  2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF20AG Datasheet(HTML) 2 Page - Diodes Incorporated

  SF20AG Datasheet HTML 1Page - Diodes Incorporated SF20AG Datasheet HTML 2Page - Diodes Incorporated SF20AG Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS24013 Rev. 3 - 2
2 of 3
SF20AG - SF20JG
www.diodes.com
0
0.4
0.8
1.2
1.6
2.0
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Forward Current Derating Curve
Single phase half-wave
60 Hz resistive or inductive load
0.01
0.1
1.0
10
0.6
0.8
1.0
1.2
1.4
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
T = 25
°C
j
SF20AG - SF20DG
SF20HG - SF20JG
SF20FG - SF20GG
1
10
100
1
10
100
V , DC REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
T = 25
°C
j
f = 1.0MHz
SF20AG - SF20GG
SF20HG - SF20JG
50V DC
Approx
Oscilloscope
(Note 1)
Pulse
Generator
(Note 2)
Device
Under
Test
t
rr
Set time base for 50/100 ns/cm
+0.5A
0A
-0.25A
-1.0A
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
(+)
(+)
(-)
(-)
0
20
40
60
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Peak Forward Surge Current


Similar Part No. - SF20AG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
   2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
logo
Shenzhen Taychipst Elec...
SF20AG TAYCHIPST-SF20AG Datasheet
15Mb / 2P
   SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
SF20AG ZSELEC-SF20AG Datasheet
145Kb / 2P
   2.0A SUPERFAST GLASS PASSVITED RECTIFIER
More results

Similar Description - SF20AG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
   2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
logo
TAITRON Components Inco...
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
   2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
   2.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G Datasheet
62Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
UG2001 DIODES-UG2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27009 Rev. A1-2
logo
Frontier Electronics.
FR20-005G FRONTIER-FR20-005G Datasheet
131Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
BYV27 DIODES-BYV27 Datasheet
74Kb / 2P
   2.0A SUPER-FAST GLASS BODY RECTIFIER
DS30038 Rev. A
logo
TAITRON Components Inco...
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com