Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF20JG Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SF20JG
Description  2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SF20JG Datasheet(HTML) 1 Page - Diodes Incorporated

  SF20JG Datasheet HTML 1Page - Diodes Incorporated SF20JG Datasheet HTML 2Page - Diodes Incorporated SF20JG Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e3
DS24013 Rev. 3 - 2
1 of 3
SF20AG - SF20JG
www.diodes.com
ã Diodes Incorporated
SF20AG - SF20JG
2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Glass Passivated Die Construction
·
Super-Fast Switching for High Efficiency
·
Surge Overload Rating to 60A Peak
·
Low Reverse Leakage Current
·
Lead Free Finish, RoHS Compliant (Note 4)
Mechanical Data
·
Case: DO-15
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish – Tin. Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Ordering Information: See Page 3
·
Weight: 0.35 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol SF20
AG
SF20
BG
SF20
CG
SF20
DG
SF20
FG
SF20
GG
SF20
HG
SF20
JG
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage (Note 5)
VRRM
VRWM
VR
50
100
150
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
210
280
350
420
V
Average Rectified Output Current
@ TA = 75°C
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
60
A
Forward Voltage
@ IF = 2.0A
VFM
0.95
1.3
1.5
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 5)
@ TA = 100°C
IRM
10
100
m
A
Reverse Recovery Time (Note 2)
trr
35
40
50
ns
Typical Total Capacitance (Note 3)
CT
75
50
pF
Typical Thermal Resistance Junction to Ambient
RqJA
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Notes:
1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5.
3. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
4. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
5. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - SF20JG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF20JG DIODES-SF20JG Datasheet
62Kb / 2P
   2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
logo
Shenzhen Taychipst Elec...
SF20JG TAYCHIPST-SF20JG Datasheet
15Mb / 2P
   SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Zibo Seno Electronic En...
SF20JG ZSELEC-SF20JG Datasheet
145Kb / 2P
   2.0A SUPERFAST GLASS PASSVITED RECTIFIER
More results

Similar Description - SF20JG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SF20AG DIODES-SF20AG Datasheet
62Kb / 2P
   2.0A SUPER-FAST GLASS PASSIVATED RECTIFIER
DS24013 Rev. A-2
logo
TAITRON Components Inco...
EGF2A TAITRON-EGF2A Datasheet
144Kb / 5P
   2.0A Sintered Glass Passivated Super Fast Rectifier
EGP20A TAITRON-EGP20A Datasheet
139Kb / 4P
   2.0A Sintered Glass Passivated Super Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G_1 Datasheet
373Kb / 3P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. 4 - 2
logo
TAITRON Components Inco...
TF201G TAITRON-TF201G Datasheet
126Kb / 4P
   2.0A Glass Passivated Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001G DIODES-PR2001G Datasheet
62Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27005 Rev. A1-2
UG2001 DIODES-UG2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER
DS27009 Rev. A1-2
logo
Frontier Electronics.
FR20-005G FRONTIER-FR20-005G Datasheet
131Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
BYV27 DIODES-BYV27 Datasheet
74Kb / 2P
   2.0A SUPER-FAST GLASS BODY RECTIFIER
DS30038 Rev. A
logo
TAITRON Components Inco...
RGF2A TAITRON-RGF2A Datasheet
177Kb / 6P
   2.0A Sintered Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com