Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C93X Datasheet(PDF) 10 Page - SMSC Corporation

Part # FDC37C93X
Description  Plug and Play Compatible Ultra I/O Controller
Download  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C93X Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37C93X Datasheet HTML 6Page - SMSC Corporation FDC37C93X Datasheet HTML 7Page - SMSC Corporation FDC37C93X Datasheet HTML 8Page - SMSC Corporation FDC37C93X Datasheet HTML 9Page - SMSC Corporation FDC37C93X Datasheet HTML 10Page - SMSC Corporation FDC37C93X Datasheet HTML 11Page - SMSC Corporation FDC37C93X Datasheet HTML 12Page - SMSC Corporation FDC37C93X Datasheet HTML 13Page - SMSC Corporation FDC37C93X Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 203 page
background image
10
FIGURE 1 - FDC37C93x BLOCK DIAGRAM
nDSR1, nDCD1, nRI1, nDTR1
TXD1, nCTS1, nRTS1
nINIT, nAUTOFD
HOST
CPU
MULTI-MODE
PARALLEL
PORT/FDC
MUX
16C550
COMPATIBLE
SERIAL
PORT 1
16C550
COMPATIBLE
SERIAL
PORT 2 WITH
INFRARED
IDE
CONFIGURATION
REGISTERS
POWER
MANAGEMENT
INTERFACE
INTERFACE
CONTROL BUS
ADDRESS BUS
DATA BUS
nIOR
nIOW
AEN
SA[0:12]
SD[O:7]
DRQ[0:3]
nDACK[0:3]
IRQ[1,3-12,14,15]
RESET_DRV
CLOCK
GEN
CLK 1
(14.318)
nINDEX
nTRK0
nDSKCHG
nWRPRT
nWGATE
DENSEL
nDIR
nSTEP
nHDSEL
nDS0,1
nMTR0,1
RDATA
RCLOCK
WDATA
WCLOCK
nWDATA
nRDATA
nIDE1_OE
nHDCS0, nHDCS1
A[2:0]
TXD2(IRTX), nCTS2, nRTS2
RXD2(IRRX)
nDSR2, nDCD2, nRI2, nDTR2
RXD1
PD0-7
BUSY, SLCT, PE,
nERROR, nACK
nSTROBE, nSLCTIN,
5 V
Vcc (5)
Vss (7)
TC
SMSC
PROPRIETARY
82077 COMPATIBLE
VERTICAL
FLOPPYDISK
CONTROLLER
CORE
DIGITAL
DATA
SEPARATOR
WITH WRITE
PRECOM-
PENSATION
IOCHRDY
DECODER
nGPA
nGPCS* nGPWR*
BIOS
BUFFER
nROMDIR
nROMCS
RD[0:7]
GENERAL
PURPOSE
I/O
GP1[0:7]*
GP2[0:5]*
IRRX*, IRTX*
IDE1_IRQ
nIDE_DMA_ACK
8042
RTC
KBCLK
KBDATA
MSCLK
MSDATA
P21*
XTAL1,2
VBAT
DRVDEN0
nIDE_ACK
DRVDEN1
SERIAL
EEPROM
DATAIN*
DATAOUT*
CLK*, ENABLE*
IDE2
OPTIONAL
nHDCS2,3
IDE2_IRQ
nIOROP
nIOWOP
MID0
MID1
CLK0[1:3]
(14.318)
24CLK
16CLK
*Multi-Function I/O Pin - Optional
SA[13-15]


Similar Part No. - FDC37C93X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
More results

Similar Description - FDC37C93X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
   Plug and Play Compatible Ultra I/O Controller with Fast IR
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
   Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
logo
List of Unclassifed Man...
M5123 ETC1-M5123 Datasheet
499Kb / 121P
   Mega I/O Controller with Plug & Play
logo
National Semiconductor ...
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
   SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
   PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
   PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com