Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBL1030CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part No. SBL1030CT
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL1030CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBL1030CT_1 Datasheet HTML 1Page - Diodes Incorporated SBL1030CT_1 Datasheet HTML 2Page - Diodes Incorporated SBL1030CT_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS23048 Rev. 4 - 2
2 of 3
SBL1030CT - SBL1060CT
www.diodes.com
0.1
1.0
10
100
0.2
0.4
0.6
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics per Element
F
SBL1030CT - SBL10450CT
SBL1050CT - SBL1060CT
50
100
150
0
200
250
300
1
10
100
NUMBER OF CYCLES AT 60Hz
Fig. 3 Max Non-Repetitive Surge Current
8.3ms single half-sine-wave
JEDEC method
100
1000
4000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Junction Capacitance per Element
R
T= 25 C
j
°
0.001
0.01
0.1
1.0
10
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T= 125 C
C
°
T= 75 C
C
°
T= 25 C
C
°
0
4
8
12
16
20
0
50
100
150
T , CASE TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
C
°


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB10150CT10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics
MBR1030_110A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SBL1030_110A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
MBR2040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
B220_2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SB320_13.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
1N5820SCHOTTKY BARRIER RECTIFIER 1 2 Rectron Semiconductor
MBR2045CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
B520C_5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SB520_15.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn