Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SBL1030CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. SBL1030CT
Description  10A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL1030CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL1030CT_1 Datasheet HTML 1Page - Diodes Incorporated SBL1030CT_1 Datasheet HTML 2Page - Diodes Incorporated SBL1030CT_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23048 Rev. 4 - 2
1 of 3
SBL1030CT - SBL1060CT
www.diodes.com
ã Diodes Incorporated
SBL1030CT - SBL1060CT
10A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
G
12 3
J
HH
Pin1+
Pin3+
Pin2-
Case
+
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: TO-220AB
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Polarity: As Marked on Body
·
Terminals: Finish – Bright Tin. Solderable per
MIL-STD-202, Method 208
·
Marking: Type Number
·
Weight: 2.24 grams (approx.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SBL
1030CT
SBL
1035CT
SBL
1040CT
SBL
1045CT
SBL
1050CT
SBL
1060CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
@ TC = 95
°C
(Note 1)
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
175
A
Forward Voltage Drop
@ IF = 5.0A, TC = 25
°C
VFM
0.55
0.70
V
Peak Reverse Current
@ TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.5
50
mA
Typical Junction Capacitance
(Note 2)
Cj
450
pF
Typical Thermal Resistance Junction to Case
(Note 1)
RqJC
5.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
TO-220AB
Dim
Min
Max
A
14.48
15.75
B
10.00
10.40
C
2.54
3.43
D
5.90
6.40
E
2.80
3.93
G
12.70
14.27
H
2.40
2.70
J
0.69
0.93
K
3.54
3.78
L
4.07
4.82
M
1.15
1.39
N
0.30
0.50
P
2.04
2.79
All Dimensions in mm
SPICE MODEL: SBL1030CT SBL1035CT SBL1040CT SBL1045CT SBL1050CT SBL1060CT


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SB10150CT10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics
MBR1030_110A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SBL1030_110A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
MBR2040CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
B220_2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SB320_13.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
1N5820SCHOTTKY BARRIER RECTIFIER 1 2 Rectron Semiconductor
MBR2045CSCHOTTKY BARRIER RECTIFIER DIODES 1 2 Unisonic Technologies
B520C_5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated
SB520_15.0A SCHOTTKY BARRIER RECTIFIER 1 2 3 Diodes Incorporated

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn