Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL2030PT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBL2030PT
Description  20A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBL2030PT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBL2030PT_1 Datasheet HTML 1Page - Diodes Incorporated SBL2030PT_1 Datasheet HTML 2Page - Diodes Incorporated SBL2030PT_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS23047 Rev. 4 - 2
1 of 3
SBL2030PT - SBL2060PT
www.diodes.com
ã Diodes Incorporated
SBL2030PT - SBL2060PT
20A SCHOTTKY BARRIER RECTIFIER
Features
A
B
E
G
J
L
M
N
P
Q
K
S
M
H
R
D
C
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward Voltage Drop
·
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Application
·
Lead Free Finish, RoHS Compliant (Note 3)
Mechanical Data
·
Case: TO-3P
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Finish
¾ Bright Tin. Plated Leads Solderable
per MIL-STD-202, Method 208
·
Polarity: As Marked on Body
·
Ordering Information: See Last Page
·
Marking: Type Number
·
Weight: 5.6 grams (approximate)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
SBL
2030PT
SBL
2035PT
SBL
2040PT
SBL
2045PT
SBL
2050PT
SBL
2060PT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 100°C
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
250
A
Forward Voltage Drop
@ IF = 10A, TC = 25°C
VFM
0.55
0.75
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 100°C
IRM
1.0
50
mA
Typical Total Capacitance (Note 2)
CT
1100
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJC
2.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Thermal resistance junction to case mounted on heatsink.
2.
Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
TO-3P
Dim
Min
Max
A
1.88
2.08
B
4.68
5.36
C
20.63
22.38
D
18.5
21.5
E
2.1
2.4
G
0.51
0.76
H
15.38
16.25
J
1.90
2.70
K
2.9
Æ
3.65
Æ
L
3.78
4.50
M
5.2
5.7
N
0.89
1.53
P
1.82
2.46
Q
2.92
3.23
R
11.70
12.84
S
¾
6.10
All Dimensions in mm
SPICE MODELS: SBL2030PT SBL2035PT SBL2040PT SBL2045PT SBL2050PT SBL2060PT


Similar Part No. - SBL2030PT_1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
SBL2030PT VISHAY-SBL2030PT_15 Datasheet
83Kb / 5P
   Dual Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results

Similar Description - SBL2030PT_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR2030CT DIODES-MBR2030CT Datasheet
65Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
SBL2030PT DIODES-SBL2030PT Datasheet
62Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIER
DS23047 Rev. B-2
logo
DIYI Electronic Technol...
MBR20H200CTD DYELEC-MBR20H200CTD Datasheet
2Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20H200CT DYELEC-MBR20H200CT Datasheet
1Mb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
MBR20100CT CHONGQING-MBR20100CT Datasheet
213Kb / 1P
   20A Schottky Barrier Rectifier
logo
Diodes Incorporated
MBRD20150CT DIODES-MBRD20150CT_15 Datasheet
475Kb / 5P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Wisdom technologies Int...
MBRF20150CT WISDOM-MBRF20150CT Datasheet
1Mb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB20100CT DIODES-MBRB20100CT_15 Datasheet
369Kb / 6P
   20A SCHOTTKY BARRIER RECTIFIER
MBR2045CTP DIODES-MBR2045CTP_15 Datasheet
84Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
MBR20100CTP DIODES-MBR20100CTP Datasheet
73Kb / 4P
   20A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR2060C UTC-MBR2060C Datasheet
145Kb / 3P
   20A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com