Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C78 Datasheet(PDF) 57 Page - SMSC Corporation

Part # FDC37C78
Description  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Datasheet(HTML) 57 Page - SMSC Corporation

Back Button FDC37C78_07 Datasheet HTML 53Page - SMSC Corporation FDC37C78_07 Datasheet HTML 54Page - SMSC Corporation FDC37C78_07 Datasheet HTML 55Page - SMSC Corporation FDC37C78_07 Datasheet HTML 56Page - SMSC Corporation FDC37C78_07 Datasheet HTML 57Page - SMSC Corporation FDC37C78_07 Datasheet HTML 58Page - SMSC Corporation FDC37C78_07 Datasheet HTML 59Page - SMSC Corporation FDC37C78_07 Datasheet HTML 60Page - SMSC Corporation FDC37C78_07 Datasheet HTML 61Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
57
LOCK
In order to protect systems with long DMA
latencies against older application software that
can disable the FIFO the LOCK Command has
been added. This command should only be used
by the FDC routines, and application software
should refrain from using it. If an application calls
for the FIFO to be disabled then the CONFIGURE
command should be used.
The LOCK command defines whether the EFIFO,
FIFOTHR, and PRETRK parameters of the
CONFIGURE command can be RESET by the
DOR and DSR registers. When the LOCK bit is
set to logic "1" all subsequent "software RESETS
by the DOR and DSR registers will not change the
previously set parameters to their default values.
All "hardware" RESET from the RESET pin will set
the LOCK bit to logic "0" and return the EFIFO,
FIFOTHR, and PRETRK to their default values.
A status byte is returned immediately after issuing
a a LOCK command. This byte reflects the value
of the LOCK bit set by the command byte.
ENHANCED DUMPREG
The DUMPREG command is designed to support
system
run-time
diagnostics
and
application
software
development
and
debug.
To
accommodate the LOCK command and the
enhanced PERPENDICULAR MODE command
the eighth byte of the DUMPREG command has
been modified to contain the additional data from
these two commands.
COMPATIBILITY
The FDC37C78
was
designed
with software
compatibility in mind.
It is a fully backwards-
compatible
solution
with
the older generation
765A/B
disk
controllers.
The
FDC
also
implements on-board registers for compatibility
with PC/AT and PC/XT floppy disk controller
subsystems. After a hardware reset of the FDC, all
registers, functions and enhancements default to a
PC/AT compatible operating mode.


Similar Part No. - FDC37C78_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
More results

Similar Description - FDC37C78_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com