Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37C78 Datasheet(PDF) 10 Page - SMSC Corporation

Part # FDC37C78
Description  Floppy Disk Controller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C78 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button FDC37C78_07 Datasheet HTML 6Page - SMSC Corporation FDC37C78_07 Datasheet HTML 7Page - SMSC Corporation FDC37C78_07 Datasheet HTML 8Page - SMSC Corporation FDC37C78_07 Datasheet HTML 9Page - SMSC Corporation FDC37C78_07 Datasheet HTML 10Page - SMSC Corporation FDC37C78_07 Datasheet HTML 11Page - SMSC Corporation FDC37C78_07 Datasheet HTML 12Page - SMSC Corporation FDC37C78_07 Datasheet HTML 13Page - SMSC Corporation FDC37C78_07 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
10
FUNCTIONAL DESCRIPTION
FDC37C78 REGISTERS
The address map, shown below in Table 1, shows
the addresses of the different blocks of the
FDC37C78 immediately after power up. Some
addresses are used to access more than one
register.
HOST PROCESSOR INTERFACE
The
host
processor
communicates
with
the
FDC37C78
through
a
series
of
read/write
registers. The port addresses for these registers
are shown in Table 1.
Register access is
accomplished through programmed I/O or DMA
transfers. All registers are 8 bits wide.
Table 1 - FDC37C78 Block Addresses
ADDRESS
BLOCK NAME
NOTES
+0, +1
Configuration
Write only; Note 1, 2
Base +0,1
Floppy Disk
Read only; Disabled at power
up; Note 2
Base +[2:5, 7]
Floppy Disk
Disabled at power up; Note 2
Note 1: Configuration registers can only be modified in configuration mode, refer to the configuration
register description for more information. Access to status registers A and B of the floppy disk is
disabled in configuration mode.
Note 2: The fdc must be enabled in the configuration registers before accessing the registers.


Similar Part No. - FDC37C78_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
More results

Similar Description - FDC37C78_07

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
logo
SMSC Corporation
FDC37C78 SMSC-FDC37C78 Datasheet
420Kb / 82P
   Floppy Disk Controller
logo
Toshiba Semiconductor
TC8566AF TOSHIBA-TC8566AF Datasheet
1Mb / 67P
   FLOPPY DISK CONTROLLER
logo
List of Unclassifed Man...
WD76C20 ETC-WD76C20 Datasheet
2Mb / 55P
   FLOPPY DISK CONTROLLER PORTION
logo
SMSC Corporation
USB97CFDC2-01 SMSC-USB97CFDC2-01 Datasheet
167Kb / 24P
   USB Floppy Disk Controller
logo
Hynix Semiconductor
GM82C765B HYNIX-GM82C765B Datasheet
222Kb / 36P
   FLOPPY DISK SUBSYSTEM CONTROLLER
logo
SMSC Corporation
97CFDC SMSC-97CFDC Datasheet
143Kb / 20P
   USB FLOPPY DISK CONTROLLER
logo
NEC
UPD72069 NEC-UPD72069 Datasheet
1Mb / 23P
   UPD72069 Floppy-Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com