Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB150-T Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SB150-T
Description  1.0A SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SB150-T Datasheet(HTML) 3 Page - Diodes Incorporated

  SB150-T Datasheet HTML 1Page - Diodes Incorporated SB150-T Datasheet HTML 2Page - Diodes Incorporated SB150-T Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes:
4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS23022 Rev. 5 - 2
3 of 3
SB120-SB160
www.diodes.com
100
10
1
0.1
1000
10,000
0
50
100
PERCENTAGE OF PEAK REVERSE VOLTAGE (%)
Fig.7 Typical Reverse Characteristics, SB150 thru SB160
T= +25 C
j
°
T = +125 C
j
°
T= +70 C
j
°
Ordering Information
Device
Packaging
Shipping
SB120-A
DO-41 Plastic
5K/Ammo Pack
SB120-B
DO-41 Plastic
1K/Bulk
SB120-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
SB130-A
DO-41 Plastic
5K/Ammo Pack
SB130-B
DO-41 Plastic
1K/Bulk
SB130-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
SB140-A
DO-41 Plastic
5K/Ammo Pack
SB140-B
DO-41 Plastic
1K/Bulk
SB140-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
SB150-A
DO-41 Plastic
5K/Ammo Pack
SB150-B
DO-41 Plastic
1K/Bulk
SB150-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
SB160-A
DO-41 Plastic
5K/Ammo Pack
SB160-B
DO-41 Plastic
1K/Bulk
SB160-T
DO-41 Plastic
5K/Tape & Reel, 13-inch
(Note 4)


Similar Part No. - SB150-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB150-T3 WTE-SB150-T3 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
SB150-T3 WTE-SB150-T3 Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
SB150-TB WTE-SB150-TB Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
SB150-TB WTE-SB150-TB Datasheet
62Kb / 4P
   1.0A SCHOTTKY BARRIER DIODE
More results

Similar Description - SB150-T

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB120 WTE-SB120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120_15 Datasheet
87Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
MBR145 UTC-MBR145 Datasheet
148Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
1N5817 DIODES-1N5817_1 Datasheet
68Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 8 - 2
1N5817 DIODES-1N5817_15 Datasheet
46Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
1N5817 ZSELEC-1N5817 Datasheet
104Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B150AE DIODES-B150AE Datasheet
438Kb / 6P
   1.0A SCHOTTKY BARRIER RECTIFIER
January 2020 Rev. 4 - 2
logo
Won-Top Electronics
SR120 WTE-SR120 Datasheet
50Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SB120 DIODES-SB120 Datasheet
74Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23022 Rev. 4 - 2
1N5817 DIODES-1N5817 Datasheet
44Kb / 2P
   1.0A SCHOTTKY BARRIER RECTIFIER
DS23001 Rev. 6 - 2
logo
Won-Top Electronics
1N5817 WTE-1N5817 Datasheet
36Kb / 3P
   1.0A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com