Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B78X Datasheet(PDF) 9 Page - SMSC Corporation

Part # FDC37B78X
Description  Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
Download  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B78X Datasheet(HTML) 9 Page - SMSC Corporation

Back Button FDC37B78X Datasheet HTML 5Page - SMSC Corporation FDC37B78X Datasheet HTML 6Page - SMSC Corporation FDC37B78X Datasheet HTML 7Page - SMSC Corporation FDC37B78X Datasheet HTML 8Page - SMSC Corporation FDC37B78X Datasheet HTML 9Page - SMSC Corporation FDC37B78X Datasheet HTML 10Page - SMSC Corporation FDC37B78X Datasheet HTML 11Page - SMSC Corporation FDC37B78X Datasheet HTML 12Page - SMSC Corporation FDC37B78X Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 249 page
background image
8
PIN
No./QFP
NAME
TOTAL
SYMBOL
BUFFER TYPE
7, 48,
74, 104
Digital Ground
4
VSS
67
Analog Ground
1
AVSS
69
Trickle Supply Voltage
1
VTR
65
Battery Voltage
1
VBAT
POWER MANAGEMENT (3)
19
Power On
1
nPOWERON
OD24
20
Button In
1
BUTTON_IN
I
21
Power Management Event/SCI/IRQ9
1
nPME
O12
FDD INTERFACE (16)
16
Read Disk Data
1
nRDATA
IS
11
Write Gate
1
nWGATE
O24
10
Write Disk Data
1
nWDATA
O24
12
Head Select
1
nHDSEL
O24
8
Step Direction
1
nDIR
O24
9
Step Pulse
1
nSTEP
O24
17
Disk Change
1
nDSKCHG
IS
5
Drive Select 0
1
nDS0
O24
6
Drive Select 1/GP17
1
nDS1
IO24
3
Motor On 0
1
nMTR0
O24
4
Motor On 1/GP16
1
nMTR1
IO24
15
Write Protected
1
nWRTPRT
IS
14
Track 0
1
nTRKO
IS
13
Index Pulse Input
1
nINDEX
IS
1
Drive Density Select 0
1
DRVDEN0
O24
2
Drive Density Select 1/GP52/IRQ8/nSMI
1
DRVDEN1
IO24
GENERAL PURPOSE I/O (6)
77
General Purpose 10/nSMI
1
GP10
IO12
78
General Purpose 11/nRING/EETI
1
GP11
IO4


Similar Part No. - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
More results

Similar Description - FDC37B78X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
SIO1036 SMSC-SIO1036 Datasheet
365Kb / 4P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000_07 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B72X SMSC-FDC37B72X_07 Datasheet
831Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
logo
Microsemi Corporation
SIO1049 MICROSEMI-SIO1049 Datasheet
199Kb / 6P
   Super I/O with LPC Interface, with IrDA and Microsoft Windows MCE Consumer IR Support
logo
New Japan Radio
NJU6355 NJRC-NJU6355 Datasheet
62Kb / 6P
   SERIAL I/O REAL TIME CLOCK
NJU6350 NJRC-NJU6350 Datasheet
87Kb / 9P
   SERIAL I/O REAL TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com