Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37B72X Datasheet(PDF) 41 Page - SMSC Corporation

Part # FDC37B72X
Description  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X Datasheet(HTML) 41 Page - SMSC Corporation

Back Button FDC37B72X Datasheet HTML 37Page - SMSC Corporation FDC37B72X Datasheet HTML 38Page - SMSC Corporation FDC37B72X Datasheet HTML 39Page - SMSC Corporation FDC37B72X Datasheet HTML 40Page - SMSC Corporation FDC37B72X Datasheet HTML 41Page - SMSC Corporation FDC37B72X Datasheet HTML 42Page - SMSC Corporation FDC37B72X Datasheet HTML 43Page - SMSC Corporation FDC37B72X Datasheet HTML 44Page - SMSC Corporation FDC37B72X Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 238 page
background image
41
INSTRUCTION SET
TABLE 21 - INSTRUCTION SET
READ DATA
DATA BUS
PHASE
R/W
D7
D6
D5
D4
D3
D2
D1
D0
REMARKS
Command
W
MT
MFM
SK
0
0
1
1
0
Command Codes
W
0
0
0
0
0
HDS DS1 DS0
W
-------- C --------
Sector ID information prior to
Command execution.
W
-------- H --------
W
-------- R --------
W
-------- N --------
W
------- EOT -------
W
------- GPL -------
W
------- DTL -------
Execution
Data transfer between the
FDD and system.
Result
R
------- ST0 -------
Status information after Com-
mand execution.
R
------- ST1 -------
R
------- ST2 -------
R
-------- C --------
Sector ID information after
Command execution.
R
-------- H --------
R
-------- R --------
R
-------- N --------


Similar Part No. - FDC37B72X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Similar Description - FDC37B72X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com