Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC6D103S Datasheet(PDF) 53 Page - SMSC Corporation

Part # EMC6D103S
Description  Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D103S Datasheet(HTML) 53 Page - SMSC Corporation

Back Button EMC6D103S Datasheet HTML 49Page - SMSC Corporation EMC6D103S Datasheet HTML 50Page - SMSC Corporation EMC6D103S Datasheet HTML 51Page - SMSC Corporation EMC6D103S Datasheet HTML 52Page - SMSC Corporation EMC6D103S Datasheet HTML 53Page - SMSC Corporation EMC6D103S Datasheet HTML 54Page - SMSC Corporation EMC6D103S Datasheet HTML 55Page - SMSC Corporation EMC6D103S Datasheet HTML 56Page - SMSC Corporation EMC6D103S Datasheet HTML 57Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
Datasheet
SMSC EMC6D103S
53
Revision 0.2 (06-14-06)
DATASHEET
The Fan Tachometer Reading registers contain the number of 11.111
μs periods (90KHz) between full
fan revolutions. Fans produce two tachometer pulses per full revolution. These registers are updated
at least once every second.
To convert the value in the TACH reading registers to a representative RPM value is a simple
mathematical exercise. The 16bit reading is first converted to a decimal number and then multiplied
by the clock period (11.11
μs). This gives the measured period of two full TACH pulses which equals
1 full fan revolution. This number is then inverted and multiplied by 60 to give Rotations / minute.
For example: If the Tach 1 data bytes contain 0C86h (MSB followed by LSB). This is equivalent to
3206 clock counts. Multiplying this number by 11.111
μs (clock period) yields 0.03562s. This number
represents the measured time for two full periods of the TACH signal. Inverting this number and
multiplying it by 60 yields a final RPM value of 1684.
The larger the returned count, the slower the measured fan speed. The slowest fan speed that can be
stored is approximately 82RPM with an output code of FFFDh. This slow speed is not practical to
measure in TACH monitoring Mode 2 (see Table 7.2 on page 44 and Table 7.3 on page 45 for minimum
RPM’s measured using Mode 2 and Section 7.1.4.4, "Mode 2 – Monitor Tach input When PWM is
‘ON’," on page 41 for a description of this monitoring mode).
This value is represented for each fan in a 16 bit, unsigned number.
The Fan Tachometer Reading registers always return an accurate fan tachometer measurement, even
when a fan is disabled or non-functional, including when the start bit=0.
When one byte of a 16-bit register is read, the other byte latches the current value until it is read, in
order to ensure a valid reading. The order is LSB first, MSB second.
FFFFh indicates that the fan is not spinning, or the tachometer input is not connected to a valid signal
(This could be triggered by a counter overflow).
FFFEh, if the SLOW bit in the corresponding TACHx Option register is set (see Section 8.2.28,
"Registers 90h-93h: TachX Option Registers," on page 75 for details), indicates that fan is spinning,
but too slowly to be measured at the current TACH settings.
These registers are read only – a write to these registers has no effect.
8.2.4
Registers 30-32h: Current PWM Duty
2Dh
R
Tach3 MSB
15
14
13
12
11
10
9
8
N/A
2Eh
R
Tach4 LSB
7
6
5
4
3
2
1
0
N/A
2Fh
R
Tach4 MSB
15
14
13
12
11
10
9
8
N/A
Table 8.7 Registers 30-32h: Current PWM Duty
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value
30h
R
/W
(See
Note 8.8)
PWM1 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
31h
R
/W
(See
Note 8.8)
PWM2 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
32h
R
/W
(See
Note 8.8)
PWM3 Current Duty Cycle
7
6
5
4
3
2
1
0
N/A
Table 8.6 Registers 28-2Fh: Fan Tachometer Reading (continued)
Register
Address
Read/
Write
Register Name
Bit 7
(MSb)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSb)
Default
Value


Similar Part No. - EMC6D103S

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC6D103S MICROCHIP-EMC6D103S Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC6D103S MICROCHIP-EMC6D103S Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC6D103S-CZC SMSC-EMC6D103S-CZC Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S-CZC-TR SMSC-EMC6D103S-CZC-TR Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
More results

Similar Description - EMC6D103S

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_06 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
   Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D103 SMSC-EMC6D103 Datasheet
1Mb / 89P
   FAN CONTROL DEVICE WITH HIGH FREQUENCY PWM
EMC2300 SMSC-EMC2300 Datasheet
1Mb / 81P
   Fan Control Device with High Frequency PWM and Temperature Monitors
EMC2300 SMSC-EMC2300_11 Datasheet
1Mb / 82P
   Fan Control Device with High Frequency PWM and Temperature Monitors
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
   Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
   ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com