Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6365C153ML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6365C153ML
Description  PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365C153ML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6365C153ML Datasheet HTML 1Page - Torex Semiconductor XC6365C153ML Datasheet HTML 2Page - Torex Semiconductor XC6365C153ML Datasheet HTML 3Page - Torex Semiconductor XC6365C153ML Datasheet HTML 4Page - Torex Semiconductor XC6365C153ML Datasheet HTML 5Page - Torex Semiconductor XC6365C153ML Datasheet HTML 6Page - Torex Semiconductor XC6365C153ML Datasheet HTML 7Page - Torex Semiconductor XC6365C153ML Datasheet HTML 8Page - Torex Semiconductor XC6365C153ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
703
XC6365 6366 ETR0501_001.doc
Input Voltage Range
: 2.2~10.0V
Output Voltage Range : 1.5~6.0V (±2.5%)
Oscillator Frequency
: 300kHz (±15%)
Maximum Duty Ratio
: 100%
High Efficiency
: 92%
PWM/PFM Switching Control (XC6366)
SOT-25 Package
GENERAL DESCRIPTION
The XC6365/66 series are multi-functional step-down DC/DC
converters with built-in high speed, low ON resistance drivers.
An output current of more than 1A is possible using an
externally connected transistor, coil, diode and capacitor.
Output voltage is programmable in 100mV increments between
1.5V to 6.0V (VOUT) (±2.5% accuracy). Further, with 1.0V of
standard voltage supply internal and using externally
connected components, output voltage can be set up freely
(FB). With a 300kHz switching frequency, the size of the
external components can be reduced.
Control switches from PWM to PFM during light loads with the
XC6366 (PWM/PFM switchable) and the series is highly
efficient from light loads to large output currents.
In relation to soft-start time, both internally set-up 10msec
types (A, B) and external resistor or capacitor regulated types
(C, D) are available.
During stand-by time (CE pin "Low" ), current consumption is
reduced to less than 0.5μA.
With U.V.L.O. internal, the external transistor will be forcibly
switched off if used below the stipulated voltage.
APPLICATIONS
Electronic information organizers
Palmtops
Cellular and portable phones
Portable audio systems
Various multi-function power supplies
TYPICAL APPLICATION CIRCUIT
FEATURES
Input Voltage Range : 2.2V ~ 10V (VOUT type)
Output Voltage Range : 1.5V ~ 6.0V programmable in
100mV increments (±2.5%)
Oscillation Frequency : 300kHz (±15%)
: Custom products for 180, 500kHz
Output Current
: More than 1.0A
(VIN=5.0V, VOUT=3.0V)
High Efficiency
: 92% (TYP.)
Stand-by Capability : ISTB=0.5μA (MAX.)
Soft-start time set-up externally type possible
Internally set-up output voltage type possible (VOUT)
Externally set-up output voltage type possible (FB)
Package
: SOT-25
TYPICAL PERFORMANCE
CHARACTERISTICS
GO-Compatible


Similar Part No. - XC6365C153ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365C153ML TOREX-XC6365C153ML Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
More results

Similar Description - XC6365C153ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com