Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC6D102 Datasheet(PDF) 20 Page - SMSC Corporation

Part # EMC6D102
Description  Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC6D102 Datasheet(HTML) 20 Page - SMSC Corporation

Back Button EMC6D102_06 Datasheet HTML 16Page - SMSC Corporation EMC6D102_06 Datasheet HTML 17Page - SMSC Corporation EMC6D102_06 Datasheet HTML 18Page - SMSC Corporation EMC6D102_06 Datasheet HTML 19Page - SMSC Corporation EMC6D102_06 Datasheet HTML 20Page - SMSC Corporation EMC6D102_06 Datasheet HTML 21Page - SMSC Corporation EMC6D102_06 Datasheet HTML 22Page - SMSC Corporation EMC6D102_06 Datasheet HTML 23Page - SMSC Corporation EMC6D102_06 Datasheet HTML 24Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
Datasheet
Revision 0.4 (06-15-06)
20
SMSC EMC6D102
DATASHEET
The continuous monitoring function is started by doing a write to the Ready/Lock/Start Register, setting
the Start bit (Bit 0) high. The part then performs a “round robin” sampling of the inputs, in the order
shown below (see Table 5.3). Sampling of all values occurs in a nominal 223 ms (default - see
Table 5.2, “Conversion Cycle Timing,” on page 19).
When the continuous monitoring function is started, it cycles through each measurement in sequence,
and it continuously loops through the sequence approximately once every 223 ms (default - see
Table 5.2, “Conversion Cycle Timing,” on page 19). Each measured value is compared to values stored
in the Limit registers. When the measured value violates the programmed limit the Hardware Monitor
Block will set a corresponding status bit in the Interrupt Status Registers.
If auto fan option is selected, the hardware will adjust the operation of the fans accordingly. See Auto
Fan Control Operating Mode on page 30.
The results of the sampling and conversions can be found in the Reading Registers and are available
at any time.
5.3.2
Cycle Monitoring Mode
In cycle monitoring mode, the part completes all sampling and conversions, then waits approximately
one second to repeat the process. It repeats the sampling and conversion process typically every 1.2
seconds (1.4 sec max - default averaging enabled). The sampling and conversion of each voltage and
temperature reading is performed once every monitoring cycle. This is a power saving mode.
The cycle monitoring function is started by doing a write to the Ready/Lock/Start Register, setting the
Start bit (Bit 0) high. The part then performs a “round robin” sampling of the inputs, in the order shown
above.
When the cycle monitoring function is started, it cycles through each measurement in sequence, and
it produces a converted voltage and temperature reading for each input. The state machine waits
approximately one second before repeating this process. Each measured value is compared to values
stored in the Limit registers. When the measured value violates (or is equal to) the programmed limit
the Hardware Monitor Block will set a corresponding status bit in the Interrupt Status Registers.
If auto fan option is selected, the hardware will adjust the operation of the fans accordingly. See the
section titled Auto Fan Control Operating Mode on page 30.
The results of each sampling and conversion can be found in the Reading Registers and are available
at any time, however, they are only updated once per conversion cycle.
Table 5.3 ADC Conversion Sequence
SAMPLING ORDER
REGISTER
1
Remote Diode Temp Reading 1
2
Ambient Temperature reading
3
VCC reading
4
+12V reading
5+5V reading
6
+2.5V reading
7
Vccp (processor) reading
8
Remote Diode Temp Reading 2


Similar Part No. - EMC6D102_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
More results

Similar Description - EMC6D102_06

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC6D102 SMSC-EMC6D102 Datasheet
1Mb / 86P
   Fan control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D102 SMSC-EMC6D102_07 Datasheet
1Mb / 86P
   Fan Control Device with Hardware Monitoring and Acoustic Noise Reduction Features
EMC6D103S SMSC-EMC6D103S_07 Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103 SMSC-EMC6D103_07 Datasheet
1Mb / 92P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
EMC6D103S SMSC-EMC6D103S Datasheet
1Mb / 84P
   Fan Control Device with High Frequency PWM Support and Hardware Monitoring Features
logo
Microchip Technology
SCH5627P MICROCHIP-SCH5627P Datasheet
1Mb / 234P
   Desktop Embedded Controller with Fan Control, Hardware Monitoring and PECI
2020
logo
SMSC Corporation
EMC6D100 SMSC-EMC6D100 Datasheet
597Kb / 75P
   ENVIRONMENTAL MONITORING AND CONTROL DEVICE WITH AUTOMATIC FAN CAPABILITY
logo
Zarlink Semiconductor I...
ZL38002 ZARLINK-ZL38002 Datasheet
440Kb / 47P
   Low-Voltage Acoustic Echo Canceller With Noise Reduction
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
F71858 FINTEK-F71858 Datasheet
1Mb / 66P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com