Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IA6008-FB11A Datasheet(PDF) 5 Page - Rohm

Part No. IA6008-FB11A
Description  Color image sensor heads for multi-function
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

IA6008-FB11A Datasheet(HTML) 5 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IA6008-FB11A
Contact image sensor heads
5/5
Peripheral circuit
3
IMAGE SENSOR UNIT
VREF
A
VDD
GND
GND
CLK
SP
C2
R2
R1
R3
R
G
C3
C4
LED GND
VLED
B
10
11
8
1
5
4
6
7
3
2
9
12
NC
C1
C5
R1
=R2=100Ω, R3=100KΩ
C1
=C2=47µF
C3
=100µF, C4=0.1µF, C5=100pF


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn