Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2163D51ZHMR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2163D51ZHMR
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2163D51ZHMR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2163D51ZHMR Datasheet HTML 1Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 2Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 3Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 4Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 5Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 6Page - Torex Semiconductor XC2163D51ZHMR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1677
XC2163
Series
MARK
6
MARK
RATIO
MARK
RATIO
C
fo/1
E
fo/4
D
fo/2
F
fo/8
Frequency (MHz)
MARK
5.0V
3.3V
A
-
108~125
B
-
93~110
C
108~125
80~95
D
95~110
72~83
E
80~97
65~75
F
68~83
57~67
H
55~70
-
K
45~57
-
L
40~48
-
Z
External
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VDD
VSS-0.3~VSS+7.0
V
Input Voltage
VIN
VSS-0.3~VDD+0.3
V
Power Dissipation
Pd
250 *
mW
Operating
Temperature Range
Topr
-30~+80
Storage
Temperature Range
Tstg
-55~+125
PACKAGING INFORMATION
SOT-26
MARKING RULE
Represents product series
Represents divider ratio
Represents frequency & Rf,
Cg & Cd values
Represents assembly lot number
(Based on internal standards)
BLOCK DIAGRAMS
ABSOLUTE MAXIMUM RATINGS
* When implemented on a glass epoxy PCB.
SOT-26
(TOP VIEW)


Similar Part No. - XC2163D51ZHMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163D51ZML TOREX-XC2163D51ZML Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51ZML TOREX-XC2163D51ZML Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51ZMR TOREX-XC2163D51ZMR Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163D51ZMR TOREX-XC2163D51ZMR Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
More results

Similar Description - XC2163D51ZHMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com