Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6372E700PR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6372E700PR
Description  PWM Controlled Step-Up DC/DC Controllers/Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6372E700PR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6372E700PR Datasheet HTML 3Page - Torex Semiconductor XC6372E700PR Datasheet HTML 4Page - Torex Semiconductor XC6372E700PR Datasheet HTML 5Page - Torex Semiconductor XC6372E700PR Datasheet HTML 6Page - Torex Semiconductor XC6372E700PR Datasheet HTML 7Page - Torex Semiconductor XC6372E700PR Datasheet HTML 8Page - Torex Semiconductor XC6372E700PR Datasheet HTML 9Page - Torex Semiconductor XC6372E700PR Datasheet HTML 10Page - Torex Semiconductor XC6372E700PR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
587
XC6371/6372/6373
Series
MARK
FUNCTION
PRODUCT SERIES
A
-
Built-in Transistor
XC6372AxxxPx
A
CE
Built-in Transistor
XC6372CxxxPx
S
Separated VDD and VOUT
Built-in Transistor
XC6372ExxxPx
OSCILLATION FREQUENCY (PRODUCT SERIES)
OUTPUT VOLTAGE (V)
30kHz (XC6373xxx0Px)
1.x
B
2.x
C
3.x
F
4.x
E
5.x
F
6.x
H
7.x
K
OSCILLATION FREQUENCY (PRODUCT SERIES)
OUTPUT VOLTAGE (V)
30kHz (XC6373xxx0Px)
x.0
0
x.1
1
x.2
2
x.3
3
x.4
4
x.5
5
x.6
6
x.7
7
x.8
8
x.9
9
XC6373〕
Represents product series
Represents integer of output voltage and oscillation frequency
Represents decimal number of output voltage and oscillation frequency
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted).
MARKING RULE (Continued)
SOT-89,SOT-89-5
12
3
SOT-89
(TOP VIEW)
SOT-89-5
(TOP VIEW)


Similar Part No. - XC6372E700PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6372E TOREX-XC6372E Datasheet
127Kb / 2P
   XC6372
More results

Similar Description - XC6372E700PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com