Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTRC11001T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HTRC11001T
Description  HITAG reader chip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HTRC11001T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HTRC11001T Datasheet HTML 6Page - NXP Semiconductors HTRC11001T Datasheet HTML 7Page - NXP Semiconductors HTRC11001T Datasheet HTML 8Page - NXP Semiconductors HTRC11001T Datasheet HTML 9Page - NXP Semiconductors HTRC11001T Datasheet HTML 10Page - NXP Semiconductors HTRC11001T Datasheet HTML 11Page - NXP Semiconductors HTRC11001T Datasheet HTML 12Page - NXP Semiconductors HTRC11001T Datasheet HTML 13Page - NXP Semiconductors HTRC11001T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
2001 Nov 23
10
Philips Semiconductors
Product specification
HITAG reader chip
HTRC11001T
8.8.7
COMMAND SET_CONFIG_PAGE
This command is used to set the filter and amplifier parameters (cut-off frequencies and gain factors) and to select the
operation mode. Bits P1 and P0 select one of four configuration pages.
Table 2
Configuration page bit names
Table 3
Description of the configuration page bits
NAME
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Command
0
1
P1
P0
D3
D2
D1
D0
COMMAND
PAGE NUMBER
BIT
7
6
P1
P0
D3
D2
D1
D0
SET_CONFIG_PAGE 0
0
1
0
0
GAIN1
GAIN0
FILTERH
FILTERL
SET_CONFIG_PAGE 1
0
1
0
1
PD_MODE
PD
HYSTERESIS
TXDIS
SET_CONFIG_PAGE 2
0
1
1
0
THRESET
ACQAMP
FREEZE1
FREEZE0
SET_CONFIG_PAGE 3
0
1
1
1
DISLP1
DISSMART-
COMP
FSEL1
FSEL0
BIT NAME
VALUE
DESCRIPTION
INITIAL
VALUE
FILTERL
main low-pass cut-off frequency
0fL = 3 kHz
0
1fL = 6 kHz
FILTERH
main high-pass cut-off frequency
0fH = 40 kHz
0
1fH = 160 kHz
GAIN0
amplifier 0 gain factor
0
gain = 16
0
1
gain = 32
GAIN1
amplifier 1 gain factor
0
gain = 6.22
1
gain = 31.5
1
TXDIS
disable coil driver
0
coil driver active
0
1
coil driver inactive
HYSTERESIS
data comparator hysteresis
0
hysteresis OFF
0
1
hysteresis ON
PD
Power-down mode enable
0
device active
0
1
device power-down


Similar Part No. - HTRC11001T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC11001T/02EE NXP-HTRC11001T/02EE Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRC11001T/03EE NXP-HTRC11001T/03EE Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
More results

Similar Description - HTRC11001T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTRC110 NXP-HTRC110 Datasheet
192Kb / 22P
   HITAG reader chip
Rev. 3.1-9 February 2010
HTRM440 PHILIPS-HTRM440 Datasheet
73Kb / 16P
   HITAG proximity reader module hardware
2001 Oct 04
HTRM800 PHILIPS-HTRM800 Datasheet
93Kb / 20P
   HITAG long range reader module hardware
2001 Oct 04
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
   The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
   HITAG transponder IC
Rev. 3.3-17 October 2014
HTEV400 PHILIPS-HTEV400 Datasheet
49Kb / 8P
   HITAG proximity evaluation kit
2001 Sep 24
HTRC12002B PHILIPS-HTRC12002B Datasheet
57Kb / 8P
   HITAG co-processor
2001 Nov 15
logo
STMicroelectronics
STRF0000 STMICROELECTRONICS-STRF0000 Datasheet
19Kb / 2P
   CONTACTLESS READER CHIP SET
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
   CONTACTLESS READER CHIP SET
STRF2163 STMICROELECTRONICS-STRF2163 Datasheet
21Kb / 2P
   CONTACTLESS READER CHIP SET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com