Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC2163 Datasheet(PDF) 2 Page - Torex Semiconductor

Part No. XC2163
Description  ICs for use with 3rd Overtone Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC2163 Datasheet(HTML) 2 Page - Torex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1676
XC2163 Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
C
: f0/1
D
: f0/2
E
: f0/4
Divider Ratio
F
: f0/8
Output Capacity
5
: 10TTL
Duty Level
1
: CMOS (VDD/2)
*TTL : 20MHz to 37MHz
Z
: External type (refer to table 1)
Frequency Range &
Rf, Cg, Cd Values
A~L
: Built-in type (refer to table 2)
Package
M
: SOT-26
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
5.0V TYPE
3.3V TYPE
SYMBOL
FREQUENCY RANGE
Rf
Cg/Cd
FREQUENCY RANGE
Rf
Cg/Cd
108MHz~125MHz
1.6kΩ
10pF
108MHz~125MHz
3.9kΩ
4pF
93MHz~110MHz
2.4kΩ
10pF
95MHz~110MHz
2.4kΩ
7pF
80MHz~95MHz
2.4kΩ
12pF
80MHz~97MHz
2.7kΩ
8pF
68MHz~83MHz
2.4kΩ
15pF
68MHz~83MHz
2.7kΩ
10pF
55MHz~70MHz
3.3kΩ
15pF
58MHz~70MHz
3.9kΩ
10pF
45MHz~57MHz
3.3kΩ
20pF
50MHz~60MHz
3.9kΩ
12pF
35MHz~47MHz
3.6kΩ
24pF
40MHz~52MHz
2.4kΩ
20pF
28MHz~37MHz
4.7kΩ
27pF
33MHz~42MHz
3.6kΩ
20pF
24MHz~30MHz
5.6kΩ
30pF
28MHz~35MHz
3.6kΩ
24pF
20MHz~26MHz
6.8kΩ
33pF
24MHz~30MHz
3.9kΩ
27pF
Z
-
-
-
20MHz~26MHz
3.9kΩ
33pF
5.0V TYPE
3.3V TYPE
SYMBOL
FREQUENCY RANGE
Rf
Cg/Cd
FREQUENCY RANGE
Rf
Cg/Cd
A
-
-
-
108MHz~125MHz
1.5kΩ
5.5pF
B
-
-
-
93MHz~110MHz
1.7kΩ
6.5pF
C
108MHz~125MHz
2.2kΩ
5.5pF
80MHz~95MHz
2.2kΩ
5.5pF
D
95MHz~110MHz
2.4kΩ
6.5pF
72MHz~83MHz
2.4kΩ
6.5pF
E
80MHz~97MHz
3.2kΩ
6.5pF
65MHz~75MHz
3.2kΩ
6.5pF
F
68MHz~83MHz
3.7kΩ
6.5pF
57MHz~67MHz
3.7kΩ
6.5pF
H
55MHz~70MHz
4.9kΩ
7.6pF
-
-
-
K
45MHz~57MHz
5.5kΩ
11.0pF
-
-
-
L
40MHz~48MHz
6.5kΩ
11.0pF
-
-
-
PRODUCT CLASSIFICATION
Ordering Information
XC2163 ①②③④⑤⑥
Note: We recommend that a damping resistor Rd be added between the /XT pin & the crystal oscillator pin in order
to safeguard the crystal oscillator and improve oscillation stability.
Table 1: Frequency for External Type
Table 2: Frequency for Built-In Type


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn