Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6351A035MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6351A035MR
Description  Charge Pump Voltage Inverter IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6351A035MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6351A035MR Datasheet HTML 1Page - Torex Semiconductor XC6351A035MR Datasheet HTML 2Page - Torex Semiconductor XC6351A035MR Datasheet HTML 3Page - Torex Semiconductor XC6351A035MR Datasheet HTML 4Page - Torex Semiconductor XC6351A035MR Datasheet HTML 5Page - Torex Semiconductor XC6351A035MR Datasheet HTML 6Page - Torex Semiconductor XC6351A035MR Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1087
XC6351A ETR0801_001.doc
Operating Voltage Range : 1.2V ~ 5.0V
Highly Efficient
: 90%
Low Power Consumption : 310μA(120kHz)
CE(Chip Enable) Function
SOT-26 and USP-6B Packages
GENERAL DESCRIPTION
The XC6351A series are charge pump voltage inverter ICs
that have 4 MOSFETs built in. Since highly efficient negative
voltages can be generated with only 2 external capacitors
connected, GaAs bias power supplies & OpAmp's negative
power supplies etc., can be easily accommodated on a
standard PCB.
A mini-molded, 6 pin, SOT-26 and USP-6B packages provides
for space saving and makes high density mounting possible.
Low power consumption and high efficiency make this series
perfect for use with battery operated applications.
Since the IC's operations stop when output is shutdown via
the CE (chip enable) function, total power consumption
reduction is possible in applications which use this IC.
APPLICATIONS
Cellular and portable phones
Miniature LCD panels
Palmtop computers, PDAs
Various battery powered systems
TYPICAL APPLICATION CIRCUIT
FEATURES
Operating Voltage Range : 1.2V ~ 5.0V
Oscillation Frequency
: 120kHz
: 35kHz ( custom )
Low Supply Current
: 310μA ( TYP. )
: 100μA
(35kHz custom TYP.)
High Efficiency
: 90% (TYP.) ( RL = 2kΩ)
Stand-by Current
: 2.0μA (MAX.)
Ultra Small Package
: SOT-26 ,USP-6B
TYPICAL PERFORMANCE
CHARACTERISTICS


Similar Part No. - XC6351A035MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A035MR TOREX-XC6351A035MR Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A035MR TOREX-XC6351A035MR Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A035MR-G TOREX-XC6351A035MR-G Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
More results

Similar Description - XC6351A035MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
XC6351A-12 TOREX-XC6351A-12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_12 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351 TOREX-XC6351_V01 Datasheet
447Kb / 11P
   Charge Pump Voltage Inverter IC
logo
Mitsumi Electronics, Co...
MM3631 MITSUMI-MM3631 Datasheet
207Kb / 10P
   Charge pump voltage converter IC
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403 TI-TPS60403 Datasheet
430Kb / 23P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com