Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC2141 Datasheet(PDF) 4 Page - Torex Semiconductor

Part No. XC2141
Description  ICs for use with Crystal Oscillators
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC2141 Datasheet(HTML) 4 Page - Torex Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1672
XC2141 Series
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VDD
VSS - 0.3 ~ VSS + 7.0
V
Input Voltage
VIN
VSS - 0.3 ~ VDD + 0.3
V
Power Dissipation
Pd
150
mW
Operating Temperature Range
Topr
-30 ~ +75
Storage Temperature Range
Tstg
-55 ~ +125
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Supply Voltage
VDD
3.15
3.50
3.85
V
Oscillation Start-Up Time
TST
5.00
msec
Input Voltage 'High'
VIH
2.4
V
Input Voltage 'Low'
VIL
0.4
V
Output Current 'High'
IOH
VOH = 3.15V
- 8
mA
Output Current 'Low'
IOL
VOL = 0.35V
12
mA
Supply Current 1
IDD1
/ INH = OPEN, Q0 = OPEN
10
mA
Supply Current 2
IDD2
/ INH = "L"
520
μ
A
Input Pull-Up Resistance
RUP
/ INH = 3.15V
50
200
Output Disable Leak Current
IOZ
/ INH = "L"
10
μ
A
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
XC2141C21AMR (Overtone) f0/1
VDD=3.5V, FOSC=53MHz, Rf=7.5kΩ, No Load, Ta = 25℃


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn