Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP500 Datasheet(PDF) 3 Page - Protek Devices

Part # PHP500
Description  AC POWER BUS VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PHP500 Datasheet(HTML) 3 Page - Protek Devices

  PHP500 Datasheet HTML 1Page - Protek Devices PHP500 Datasheet HTML 2Page - Protek Devices PHP500 Datasheet HTML 3Page - Protek Devices PHP500 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
05027.R5 2/07
www.protekdevices.com
PHP8.4-PHP500
thru
PIP8.4-PIP500
TEST
WAVEFORM
PARAMETERS
tf = 10µs
td = 1000µs
tf
Peak Value IPP
td = t IPP/2
e-t
0
1
2
3
t - Time - ms
100
50
0
FIGURE 2
PULSE WAVE FORM
Peak Pulse Power
10/1000µs
Average Power
0
25
50
75
100
125
150
TL - Lead Temperature - °C
100
80
60
40
20
0
FIGURE 3
POWER DERATING CURVE
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
15kW 10/1000µs
Waveform
0.1
1
10
100
1000
10000
100000
td - Pulse Duration - µs
1000
100
10
1
7.5kW 10/1000µs
Waveform
GRAPHS


Similar Part No. - PHP500

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PHP500 MICROSEMI-PHP500 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
PHP500 PROTEC-PHP500 Datasheet
72Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
logo
Sensitron
PHP500 SENSITRON-PHP500 Datasheet
52Kb / 3P
   Transient Voltage Suppressor, Unidirectional
logo
Protek Devices
PHP500 PROTEC-PHP500 Datasheet
379Kb / 5P
   AC POWER BUS VOLTAGE SUPPRESSOR
More results

Similar Description - PHP500

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PHP84-PHP500 PROTEC-PHP84-PHP500 Datasheet
72Kb / 4P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4 PROTEC-PHP8.4_12 Datasheet
379Kb / 5P
   AC POWER BUS VOLTAGE SUPPRESSOR
PHP8.4 PROTEC-PHP8.4 Datasheet
377Kb / 5P
   ac power bus voltage suppressor
100KS200CNH PROTEC-100KS200CNH Datasheet
282Kb / 5P
   shipboard/ac power bus voltage suppressor
60KS PROTEC-60KS Datasheet
104Kb / 3P
   SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_12 Datasheet
431Kb / 6P
   SHIPBOARD/AC POWER BUS VOLTAGE SUPPRESSOR
60KS200C PROTEC-60KS200C_10 Datasheet
430Kb / 6P
   shipboard/ac power bus voltage suppressor
60KS200C PROTEC-60KS200C_07 Datasheet
68Kb / 3P
   SHIPBOARD/ AC POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA_12 Datasheet
364Kb / 5P
   POWER BUS VOLTAGE SUPPRESSOR
2700SM78CA PROTEC-2700SM78CA Datasheet
364Kb / 5P
   POWER BUS VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com