Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6365C353MR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6365C353MR
Description  PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6365C353MR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6365C353MR Datasheet HTML 3Page - Torex Semiconductor XC6365C353MR Datasheet HTML 4Page - Torex Semiconductor XC6365C353MR Datasheet HTML 5Page - Torex Semiconductor XC6365C353MR Datasheet HTML 6Page - Torex Semiconductor XC6365C353MR Datasheet HTML 7Page - Torex Semiconductor XC6365C353MR Datasheet HTML 8Page - Torex Semiconductor XC6365C353MR Datasheet HTML 9Page - Torex Semiconductor XC6365C353MR Datasheet HTML 10Page - Torex Semiconductor XC6365C353MR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
709
XC6365/6366
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
Output Voltage
VOUT
4.875
5.000
5.125
V
Maximum Input Voltage
VIN
10.0
-
-
V
U.V.L.O. Voltage
(Minimum Operating Voltage)
VUVLO
Same as IDD1,
Voltage which EXT/pin voltage holding “H” level
0.9
-
2.2
V
Supply Current 1
IDD1
No external components, CE=VDD, VOUT=0V
-
67
122
μ
A
XC6365
-
67
122
μ
A
Supply Current 2
IDD2
No external components,
CE=VOUT=VDD
XC6366
-
16
29
μ
A
Stand-by Current
ISTB
No external components, CE=VOUT=0V
-
-
0.5
μ
A
Oscillation Frequency
FOSC
Measuring of EXT/ waveform,
VIN=output voltage + 0.1V
255
300
345
kHz
Maximum Duty Ratio
MAXDTY
100
-
-
%
PFM Duty Ratio
PFMDTY
No load (XC6366 only)
15
25
35
%
CE "High" Voltage
VCEH
No external components, VOUT=0V,
Voltage which EXT/pin voltage holding “L” level
0.65
-
-
V
CE "Low" Voltage
VCEL
No external components, VOUT=0V,
Voltage which EXT/pin voltage holding “H” level
-
-
0.20
V
EXT "High" ON Resistance
REXTBH
Same as IDD2, VEXT/=VIN-0.4V
-
12
17
μ
A
EXT "Low" ON Resistance
REXTBL
Same as IDD1, VEXT/=0.4V
-
10
14
μ
A
Efficiency
EFFI
Use of a XP162A12A6
transistor recommended
-
93
-
%
Soft-Start Time
TSS
Connect RSS, CSS, CE, 0V→ 3.0V
(When VIN≦3.0V, VIN=3.0V)
5
10
20
msec
XC6365A503MR, XC6366A503MR
Conditions: 1. Unless otherwise stated, connect external components. VIN=VDD = 7.5V, IOUT = 330mA
2. XC6365/66C series external components: CSS=0.033μF, RSS=470kΩ
(VOUT=5.0V, FOSC=300kHz)
Ta=25℃
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6365C353MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365C TOREX-XC6365C Datasheet
99Kb / 2P
   PWM PWM/PFM
XC6365C TOREX-XC6365C Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365C102EL TOREX-XC6365C102EL Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365C102ER TOREX-XC6365C102ER Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365C102ML TOREX-XC6365C102ML Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
More results

Similar Description - XC6365C353MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC9206 TOREX-XC9206 Datasheet
179Kb / 15P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com