Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ES1A_ Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. ES1A_
Description  1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

ES1A_ Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
XXXX = Product type marking code, ex. ES1A
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year ex: 2 for 2002
WW = Week code 01 to 52
YWW
XXXX
DS14001 Rev. 11 - 2
1 of 3
ES1A - ES1G
www.diodes.com
ã Diodes Incorporated
ES1A - ES1G
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
·
Glass Passivated Die Construction
·
Super-Fast Recovery Time For High Efficiency
·
Low Forward Voltage Drop and High Current Capability
·
Surge Overload Rating to 30A Peak
·
Ideally Suited for Automated Assembly
·
Lead Free Finish/RoHS Compliant (Note 5)
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
A
B
C
D
G
H
E
J
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
Characteristic
Symbol
ES1A
ES1B
ES1C
ES1D
ES1G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
V
RMS Reverse Voltage
VR(RMS)
35
70
105
140
280
V
Average Rectified Output Current
@ TT = 110
°C
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage Drop
@ IF = 0.6A
@ IF = 1.0A
VFM
0.90
0.98
¾
1.25
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
200
mA
Reverse Recovery Time (Note 1)
trr
25
35
ns
Typical Total Capacitance (Note 2)
CT
10
pF
Typical Thermal Resistance, Junction to Terminal (Note 3)
RqJT
40
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. *x = Device type, e.g. ES1A-13-F.
5. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
Marking Information
Device*
Packaging
Shipping
ES1x-13-F
SMA
5000/Tape & Reel
Ordering Information (Note 4)
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Features
Mechanical Data
·
Case: SMA
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Marking: Type Number & Date Code: See Below
·
Ordering Information: See Below
·
Weight: 0.064 grams (approximate)
SPICE MODELS: ES1A ES1B ES1C ES1D ES1G


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn