Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG301A Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG301A
Description  TTL-Compatible, CMOS Analog Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG301A Datasheet(HTML) 5 Page - Intersil Corporation

  DG301A Datasheet HTML 1Page - Intersil Corporation DG301A Datasheet HTML 2Page - Intersil Corporation DG301A Datasheet HTML 3Page - Intersil Corporation DG301A Datasheet HTML 4Page - Intersil Corporation DG301A Datasheet HTML 5Page - Intersil Corporation DG301A Datasheet HTML 6Page - Intersil Corporation DG301A Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Drain OFF Leakage
Current, ID(OFF)
VIN =0.8V or
VIN =4.0V
VS = -14V,
VD =14V
--
100
-
--
nA
VS =14V,
VD =-14V
-100
--
--
nA
Channel ON Leakage
Current, ID(ON)
VIN =0.8V or
VIN =4.0V
VD =VS = 14V
-
-
100
-
-
-
nA
VD =VS =-14V
-200
-
-
-
-
-
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
VIN = 4V (One Input)
(All Others = 0)
--
1
-
--
mA
Negative Supply Current, I-
-100
-
-
-
-
-
µA
Positive Supply Current, I+
VIN = 0.8V (All Inputs)
-
-
100
-
-
-
µA
Negative Supply Current, I-
-100
-
-
-
-
-
µA
NOTES:
3. For design only, not 100% tested.
4. OFF isolation = 20 Log VS/VD,where VS = input to OFF switch, and VD = output.
Electrical Specifications
V+ = +15V, V- = -15V, GND = 0V, TA = Full Temperature Range (Continued)
PARAMETER
TEST CONDITION
“A” SUFFIX
“B” AND “C” SUFFIX
UNITS
MIN
(NOTE 3)
TYP
MAX
MIN
(NOTE 3)
TYP
MAX
Test Circuits and Waveforms
FIGURE 1. CHARGE INJECTION TEST CIRCUIT AND MEASUREMENT POINTS
FIGURE 2. BREAK-BEFORE MAKE TEST CIRCUIT AND MEASUREMENT POINTS (DG301A, DG303A)
RS
SX
CL = 10nF
VD
DX
INX
VS
VD
INX
∆VO
ON
OFF
ON
VO1
LOGIC “1” = SWITCH ON
VO2
S1
S2
IN
VS1 =3V
LOGIC
INPUT
GND
VS2 =3V
RL2
300
RL1
300
CL2
33pF
CL1
33pF
SWITCH
OUTPUT
15V
V+
-15V
V-
50%
tD
50%
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
VS1
0V
VS2
0V
D1
D2
(VO1)
(VO2)
0V
5V
DG300A, DG301A, DG303A


Similar Part No. - DG301A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG301A INTERSIL-DG301A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
TEMIC Semiconductors
DG301A TEMIC-DG301A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Vishay Siliconix
DG301A-MIL VISHAY-DG301A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
logo
Maxim Integrated Produc...
DG301AA MAXIM-DG301AA Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
TEMIC Semiconductors
DG301AAA TEMIC-DG301AAA Datasheet
97Kb / 10P
   CMOS Analog Switches
More results

Similar Description - DG301A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG300 MAXIM-DG300 Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
logo
Intersil Corporation
DG300A INTERSIL-DG300A Datasheet
83Kb / 7P
   TTL-Compatible, CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG304567 MAXIM-DG304567 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0058 Rev. B
DG301303 MAXIM-DG301303 Datasheet
33Kb / 5P
   TTL COMPATIBLE CMOS ANALOG SWITCHES
19-0054 Rev. C
DG300 MAXIM-DG300_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG300A MAXIM-DG300A_V01 Datasheet
336Kb / 11P
   TTL Compatible CMOS Analog Switches
19-0309; Rev 3; 11/07
DG381479 MAXIM-DG381479 Datasheet
28Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG SWITCHES
19-0059 Rev. B
DG30809 MAXIM-DG30809 Datasheet
25Kb / 4P
   QUAD, SPST, CMOS, TTL-Compatible Analog Switches
19-0060Rev. B
DG528529 MAXIM-DG528529 Datasheet
31Kb / 4P
   CMOS, TTL-COMPATIBLE ANALOG MULTIPLEXER
19-0063 Rev. C
logo
National Semiconductor ...
AH0014 NSC-AH0014 Datasheet
140Kb / 6P
   Dual DPST-TTL/DTL Compatible MOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com