Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG407 Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG407
Description  Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG407 Datasheet(HTML) 4 Page - Intersil Corporation

  DG407 Datasheet HTML 1Page - Intersil Corporation DG407 Datasheet HTML 2Page - Intersil Corporation DG407 Datasheet HTML 3Page - Intersil Corporation DG407 Datasheet HTML 4Page - Intersil Corporation DG407 Datasheet HTML 5Page - Intersil Corporation DG407 Datasheet HTML 6Page - Intersil Corporation DG407 Datasheet HTML 7Page - Intersil Corporation DG407 Datasheet HTML 8Page - Intersil Corporation DG407 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
FN3116.9
March 13, 2006
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Digital Inputs, VS, VD (Note 1). . . . . . (V-) -2V to (V+) +2V or 20mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . . . . 100mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note1)
θ
JA (
oC/W)
PDIP Package*. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
60
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(PLCC and SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. Signals on SX, DX, EN or AX exceeding V+ or V- are clamped by internal diodes. Limit diode current to maximum current ratings.
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VAL = 0.8V, VAH = 2.4V Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (oC)
(NOTE 3)
MIN
(NOTE 4)
TYP
(NOTE 3)
MAX
UNITS
DYNAMIC CHARACTERISTICS
Transition Time, tTRANS
(See Figure 1)
25
-
200
300
ns
Full
-
-
400
ns
Break-Before-Make Interval, tOPEN
(See Figure 3)
25
25
50
-
ns
Full
10
-
-
ns
Enable Turn-ON Time, tON(EN)
(See Figure 2)
25
-
150
200
ns
Full
-
-
400
ns
Enable Turn-OFF Time, tOFF(EN)
25
-
70
150
ns
Full
-
-
300
ns
Charge Injection, Q
CL = 1nF, VS = 0V, RS = 0Ω
25
-
40
-
pC
OFF Isolation, OIRR
VEN = 0V, RL = 1kΩ,
f = 100kHz (Note 7)
25
-
-69
-
dB
Logic Input Capacitance, CIN
f = 1MHz
25
-
7
-
pF
Source OFF Capacitance, CS(OFF)
VEN = 0V, VS = 0V,
f = 1MHz
25
-
8
-
pF
Drain OFF Capacitance, CD(OFF)
VEN = 0V, VD = 0V,
f = 1MHz
DG406
25
-
160
-
pF
DG407
25
-
80
-
pF
Drain ON Capacitance, CD(ON)
VEN = 5V, VD = 0V,
f = 1MHz
DG406
25
-
180
-
pF
DG407
25
-
90
-
pF
DIGITAL INPUT CHARACTERISTICS
Logic High Input Voltage, VINH
Full
2.4
-
-
V
Logic Low Input Voltage, VINL
Full
-
-
0.8
V
Logic High Input Current, IAH
VA = 2.4V, 15V
Full
-1
-
1
µA
Logic Low Input Current, IAL
VEN = 0V, 2.4V, VA = 0V
Full
-1
-
1
µA
ANALOG SWITCH CHARACTERISTICS
Drain-Source ON Resistance, rDS(ON)
VD = ±10V, IS = +10mA (Note 5)
25
-
50
100
Full
-
-
125
rDS(ON) Matching Between Channels,
∆rDS(ON)
VD = 10V, -10V (Note 6)
25
-
5
-
%
DG406, DG407


Similar Part No. - DG407

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
logo
Maxim Integrated Produc...
DG407 MAXIM-DG407 Datasheet
312Kb / 13P
   Improved, 16-Channel/Dual 8-Channel, CMOS Analog Multiplexers
Rev 6; 3/10
logo
Vishay Siliconix
DG407 VISHAY-DG407 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
logo
Intersil Corporation
DG407 INTERSIL-DG407 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - DG407

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
DG408DYZ-T INTERSIL-DG408DYZ-T Datasheet
612Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com