Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-DAC80V Datasheet(PDF) 1 Page - Intersil Corporation

Part # HI-DAC80V
Description  12-Bit, Low Cost, Monolithic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-DAC80V Datasheet(HTML) 1 Page - Intersil Corporation

  HI-DAC80V Datasheet HTML 1Page - Intersil Corporation HI-DAC80V Datasheet HTML 2Page - Intersil Corporation HI-DAC80V Datasheet HTML 3Page - Intersil Corporation HI-DAC80V Datasheet HTML 4Page - Intersil Corporation HI-DAC80V Datasheet HTML 5Page - Intersil Corporation HI-DAC80V Datasheet HTML 6Page - Intersil Corporation HI-DAC80V Datasheet HTML 7Page - Intersil Corporation HI-DAC80V Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
TM
File Number
3110.2
HI-DAC80V
12-Bit, Low Cost, Monolithic D/A
Converter
The Hl-DAC80V is a monolithic direct replacement for the
popular DAC80 and AD DAC80. Single chip construction
along with several design innovations make the Hl-DAC80V
the optimum choice for low cost, high reliability applications.
Intersil’ unique Dielectric Isolation (Dl) processing reduces
internal parasitics resulting in fast switching times and
minimum glitch. On board span resistors are provided for
good tracking over temperature, and are laser trimmed to
high accuracy.
Internally the Hl-DAC80V eliminates code dependent ground
currents by routing current from the positive supply to the
internal ground node, as determined by an auxiliary R2R
ladder. This results in a cancellation of code dependent
ground currents allowing virtually zero variation in current
through the package common, pin 21.
The Hl-DAC80V is available as a voltage output device which
is guaranteed over the 0oC to 75oC temperature range. It
includes a buried zener reference featuring a low temperature
coefficient as well as an on board operational amplifier. The
Hl-DAC80V requires only two power supplies and will operate
in the range of
± (11.4V to 16.5V).
Features
• DAC 80V Alternative Source
• Monolithic Construction
• Fast Settling Time (Typ) . . . . . . . . . . . . . . . . . . . . . . 1.5
µs
• Guaranteed Monotonicity
• Wafer Laser Trimmed Linearity, Gain, Offset
• Span Resistors On-Chip
• On-Board Reference
• Supply Operation . . . . . . . . . . . . . . . . . . . . . . . . . . .
±12V
Applications
• High Speed A/D Converters
• Precision Instrumentation
• CRT Display Generation
Pinout
HI-DAC80V
(PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
HI3-DAC80V-5
0 to 75
24 Ld PDIP
E24.6
1
2
3
4
5
6
7
8
9
10
11
12
(MSB) BIT 1
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
(LSB) BIT 12
16
17
18
19
20
21
22
23
24
15
14
13
6.3V REF OUT
+VS
COMMON
 JUNCTION
20V RANGE
BIPOLAR OFFSET
VOUT
-VS
NC
GAIN ADJUST
10V RANGE
REF INPUT
Data Sheet
March 2001
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, All Rights Reserved


Similar Part No. - HI-DAC80V

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
More results

Similar Description - HI-DAC80V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Analog Devices
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
   Low Cost 10-Bit Monolithic D/A Converter
REV. G
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
   LOW COST 8-BIT D-A CONVERTER
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com