Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-DAC80V Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI-DAC80V
Description  12-Bit, Low Cost, Monolithic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI-DAC80V Datasheet(HTML) 6 Page - Intersil Corporation

  HI-DAC80V_01 Datasheet HTML 1Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 2Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 3Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 4Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 5Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 6Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 7Page - Intersil Corporation HI-DAC80V_01 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
output. Matched switching times and fast switching will
reduce glitches considerably. (Measured as one half the
Product of duration and amplitude.)
Decoupling and Grounding
For best accuracy and high frequency performance, the
grounding and decoupling scheme shown in Figure 1 should
be used. Decoupling capacitors should be connected close
to the HI-DAC80V (preferably to the device pins) and should
be tantalum or electrolytic bypassed with ceramic types for
best high frequency noise rejection.
Reference Supply
An internal 6.3V reference is provided on board the
HI-DAC80V. The voltage (pin 24) is accurate to
±0.8% and
must be connected to the reference input (pin 16) for
specified operation. This reference may be used externally,
provided current drain is limited to 2.5mA. An external buffer
amplifier is recommended if this reference is to be used to
drive other system components. Otherwise, variations in the
load driven by the reference will result in gain variations of
the HI-DAC80V. All gain adjustments should be made under
constant load conditions.
Output Voltage Ranges
18
19
20
15
-
+
-VS
+VS
0.01
µF
1
µF
14
21
22
0.01
µF
1
µF
24
16
FIGURE 1.
TABLE 2. RANGE CONNECTIONS
RANGE
CONNECT
PIN 15
PIN 17
PIN 19
Unipolar
0 to +5V
18
NC
20
0 to +10V
18
NC
NC
Bipolar
±2.5V
18
20
20
±5V
18
20
NC
±10V
19
20
15
TABLE 3. GAIN AND OFFSET CALIBRATIONS
UNIPOLAR CALIBRATION
Step 1:
Offset
Turn all bits OFF (11 . . . 1)
Adjust R2 for 0V out
Step 2:
Gain
Turn all bits ON (00 . . . 0)
Adjust R1 for FS - 1 LSB
That is:
4.9988 for 0 to +5V range
9.9976 for 0 to +10V range
BIPOLAR CALIBRATION
Step 1:
Offset
Turn all bits OFF (11 . . . 1)
Adjust R2 for Negative FS
That is:
-10V for
±10V range
-5V for
±5V range
-2.5V for
±2.5V range
Step 2:
Gain
Turn all bits ON (00 . . . 0)
Adjust R1 for Positive FS - 1 LSB
That is:
+9.9951V for
±10V Range
+4.9976V for
±5V Range
+2.4988V for
±2.5V Range
This Bipolar procedure adjusts the output range end points. The
maximum error at zero (half scale) will not exceed the Linearity
Error. See the “Accuracy” Specifications.
18
19
20
15
-
+
6.3K
21
-
+
CONTROL
AMP
3.9
M
R2
+VS
-VS
12.6k
R1
+VS
-VS
2.8M
0.01
µF
10k
Ω TO
100k
24
17
16
23
5k
5k
5k
TO
100k
FIGURE 2. HI-DAC80V
HI-DAC80V


Similar Part No. - HI-DAC80V_01

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
More results

Similar Description - HI-DAC80V_01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HI-DAC80V RENESAS-HI-DAC80V Datasheet
483Kb / 8P
   12-Bit, Low Cost, Monolithic D/A Converter
logo
Analog Devices
AD6012 AD-AD6012_15 Datasheet
2Mb / 6P
   LOW COST MONOLITHIC 12 BIT D/A CONVERTER
logo
Intersil Corporation
HI-DAC80V INTERSIL-HI-DAC80V Datasheet
68Kb / 7P
   12-Bit, Low Cost, Monolithic D/A Converters
August 1997
logo
Analog Devices
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
   Low Cost 10-Bit Monolithic D/A Converter
REV. G
logo
List of Unclassifed Man...
ZN429E8 ETC-ZN429E8 Datasheet
195Kb / 7P
   LOW COST 8-BIT D-A CONVERTER
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD568 AD-AD568_15 Datasheet
544Kb / 14P
   12-Bit Ultrahigh Speed Monolithic D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com