Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7107CM44 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL7107CM44
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107CM44 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL7107CM44 Datasheet HTML 6Page - Intersil Corporation ICL7107CM44 Datasheet HTML 7Page - Intersil Corporation ICL7107CM44 Datasheet HTML 8Page - Intersil Corporation ICL7107CM44 Datasheet HTML 9Page - Intersil Corporation ICL7107CM44 Datasheet HTML 10Page - Intersil Corporation ICL7107CM44 Datasheet HTML 11Page - Intersil Corporation ICL7107CM44 Datasheet HTML 12Page - Intersil Corporation ICL7107CM44 Datasheet HTML 13Page - Intersil Corporation ICL7107CM44 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
FN3082.8
Component Value Selection
Integrating Resistor
Both the buffer amplifier and the integrator have a class A
output stage with 100
µA of quiescent current. They can
supply 4
µA of drive current with negligible nonlinearity. The
integrating resistor should be large enough to remain in this
very linear region over the input voltage range, but small
enough that undue leakage requirements are not placed on
the PC board. For 2V full scale, 470k
Ω is near optimum and
similarly a 47k
Ω for a 200mV scale.
Integrating Capacitor
The integrating capacitor should be selected to give the
maximum voltage swing that ensures tolerance buildup will
not saturate the integrator swing (approximately. 0.3V from
either supply). In the ICL7106 or the ICL7107, when the
analog COMMON is used as a reference, a nominal +2V full-
scale integrator swing is fine. For the ICL7107 with +5V
supplies and analog COMMON tied to supply ground, a
±3.5V to +4V swing is nominal. For three readings/second
(48kHz clock) nominal values for ClNT are 0.22µF and
0.10
µF, respectively. Of course, if different oscillator
frequencies are used, these values should be changed in
inverse proportion to maintain the same output swing.
An additional requirement of the integrating capacitor is that
it must have a low dielectric absorption to prevent roll-over
errors. While other types of capacitors are adequate for this
application, polypropylene capacitors give undetectable
errors at reasonable cost.
Auto-Zero Capacitor
The size of the auto-zero capacitor has some influence on
the noise of the system. For 200mV full scale where noise is
very important, a 0.47
µF capacitor is recommended. On the
2V scale, a 0.047
µF capacitor increases the speed of
recovery from overload and is adequate for noise on this
scale.
Reference Capacitor
A 0.1
µF capacitor gives good results in most applications.
However, where a large common mode voltage exists (i.e.,
the REF LO pin is not at analog COMMON) and a 200mV
scale is used, a larger value is required to prevent roll-over
error. Generally 1
µF will hold the roll-over error to 0.5 count
in this instance.
Oscillator Components
For all ranges of frequency a 100k
Ω resistor is recommended
and the capacitor is selected from the equation:
Reference Voltage
The analog input required to generate full scale output (2000
counts) is: VlN = 2VREF. Thus, for the 200mV and 2V scale,
VREF should equal 100mV and 1V, respectively. However, in
many applications where the A/D is connected to a
transducer, there will exist a scale factor other than unity
between the input voltage and the digital reading. For
instance, in a weighing system, the designer might like to
have a full scale reading when the voltage from the
transducer is 0.662V. Instead of dividing the input down to
200mV, the designer should use the input voltage directly
and select VREF = 0.341V. Suitable values for integrating
resistor and capacitor would be 120k
Ω and 0.22µF. This
makes the system slightly quieter and also avoids a divider
network on the input. The ICL7107 with
±5V supplies can
accept input signals up to
±4V. Another advantage of this
system occurs when a digital reading of zero is desired for
VIN ≠ 0. Temperature and weighing systems with a variable
fare are examples. This offset reading can be conveniently
generated by connecting the voltage transducer between IN
HI and COMMON and the variable (or fixed) offset voltage
between COMMON and IN LO.
ICL7107 Power Supplies
The ICL7107 is designed to work from
±5V supplies.
However, if a negative supply is not available, it can be
generated from the clock output with 2 diodes, 2 capacitors,
and an inexpensive lC. Figure 10 shows this application. See
ICL7660 data sheet for an alternative.
In fact, in selected applications no negative supply is
required. The conditions to use a single +5V supply are:
1. The input signal can be referenced to the center of the
common mode range of the converter.
2. The signal is less than
±1.5V.
3. An external reference is used.
f
0.45
RC
----------- For 48kHz Clock (3 Readings/sec),
=
C
100pF.
=
ICL7107
V+
OSC 1
V-
OSC 2
OSC 3
GND
V+
V- = 3.3V
0.047
µF
10
µF
+
-
1N914
1N914
CD4009
FIGURE 10. GENERATING NEGATIVE SUPPLY FROM +5V
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107CM44 INTERSIL-ICL7107CM44 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107CM44 ARTSCHIP-ICL7107CM44 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7107CM44T INTERSIL-ICL7107CM44T Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107CM44T ARTSCHIP-ICL7107CM44T Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7107CM44Z INTERSIL-ICL7107CM44Z Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107CM44

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com