Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7107RCPLZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICL7107RCPLZ
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107RCPLZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICL7107RCPLZ Datasheet HTML 7Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 8Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 9Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 10Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 11Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 12Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 13Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 14Page - Intersil Corporation ICL7107RCPLZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN3082.8
Typical Applications
The ICL7106 and ICL7107 may be used in a wide variety of
configurations. The circuits which follow show some of the
possibilities, and serve to illustrate the exceptional versatility
of these A/D converters.
The following application notes contain very useful
information on understanding and applying this part and are
available from Intersil Corporation.
Application Notes
NOTE #
DESCRIPTION
AN016
“Selecting A/D Converters”
AN017
“The Integrating A/D Converter”
AN018
“Do’s and Don’ts of Applying A/D Converters”
AN023
“Low Cost Digital Panel Meter Designs”
AN032
“Understanding the Auto-Zero and Common Mode
Performance of the ICL7136/7/9 Family”
AN046
“Building a Battery-Operated Auto Ranging DVM with the
ICL7106”
AN052
“Tips for Using Single Chip 31/2 Digit A/D Converters”
AN9609
“Overcoming Common Mode Range Issues When Using
Intersil Integrating Converters”
Typical Applications
FIGURE 11. ICL7106 USING THE INTERNAL REFERENCE
FIGURE 12. ICL7107 USING THE INTERNAL REFERENCE
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
BP
100pF
TO PIN 1
SET VREF
= 100mV
0.1
µF
0.01
µF
1M
100k
1k
22k
IN
+
-
9V
47k
0.22
µF
0.47
µF
TO BACKPLANE
TO DISPLAY
Values shown are for 200mV full scale, 3 readings/sec., floating
supply voltage (9V battery).
+
-
Values shown are for 200mV full scale, 3 readings/sec. IN LO may
be tied to either COMMON for inputs floating with respect to
supplies, or GND for single ended inputs. (See discussion under
Analog COMMON).
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC 1
OSC 2
OSC 3
TEST
REF HI
REF LO
CREF
CREF
COMMON
IN HI
IN LO
A-Z
BUFF
INT
V -
G2
C3
A3
G3
GND
100pF
TO PIN 1
SET VREF
= 100mV
0.1
µF
0.01
µF
1M
100k
1k
22k
IN
+
-
47k
0.22
µF
0.47
µF
TO DISPLAY
+5V
-5V
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107RCPLZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107RCPLZ INTERSIL-ICL7107RCPLZ Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107RCPLZ ARTSCHIP-ICL7107RCPLZ Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107RCPLZ

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com