Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7107 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7107
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7107 Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7107 Datasheet HTML 1Page - Intersil Corporation ICL7107 Datasheet HTML 2Page - Intersil Corporation ICL7107 Datasheet HTML 3Page - Intersil Corporation ICL7107 Datasheet HTML 4Page - Intersil Corporation ICL7107 Datasheet HTML 5Page - Intersil Corporation ICL7107 Datasheet HTML 6Page - Intersil Corporation ICL7107 Datasheet HTML 7Page - Intersil Corporation ICL7107 Datasheet HTML 8Page - Intersil Corporation ICL7107 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN3082.8
DISPLAY DRIVER ICL7107 ONLY
Segment Sinking Current
V+ = 5V, Segment Voltage = 3V
Except Pins AB4 and POL
5
8
-
mA
Pin AB4 Only
10
16
-
mA
Pin POL Only
47
-
mA
NOTES:
3. Unless otherwise noted, specifications apply to both the ICL7106 and ICL7107 at TA = 25
oC, fCLOCK = 48kHz. ICL7106 is tested in the circuit
of Figure 1. ICL7107 is tested in the circuit of Figure 2.
4. Back plane drive is in phase with segment drive for “off” segment, 180 degrees out of phase for “on” segment. Frequency is 20 times conversion
rate. Average DC component is less than 50mV.
5. Not tested, guaranteed by design.
6. Sample Tested.
Typical Applications and Test Circuits
FIGURE 1. ICL7106 TEST CIRCUIT AND TYPICAL APPLICATION WITH LCD DISPLAY COMPONENTS SELECTED FOR 200mV FULL
SCALE
FIGURE 2. ICL7107 TEST CIRCUIT AND TYPICAL APPLICATION WITH LED DISPLAY COMPONENTS SELECTED FOR 200mV FULL
SCALE
Electrical Specifications
(Note 3) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
9V
ICL7106
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ
DISPLAY
DISPLAY
C1
C2
C3
C4
R3
R1
R4
C5
+
-
IN
R5
R2
ICL7107
+5V
-5V
C1 = 0.1µF
C2 = 0.47µF
C3 = 0.22µF
C4 = 100pF
C5 = 0.02µF
R1 = 24kΩ
R2 = 47kΩ
R3 = 100kΩ
R4 = 1kΩ
R5 = 1MΩ
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7107

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7107 INTERSIL-ICL7107 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
ICL7107 INTERSIL-ICL7107 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7107 INTERSIL-ICL7107 Datasheet
6Mb / 180P
   Data Acquisition
logo
Renesas Technology Corp
ICL7107 RENESAS-ICL7107 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
ARTSCHIP ELECTRONICS CO...
ICL7107 ARTSCHIP-ICL7107 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
More results

Similar Description - ICL7107

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com