Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0408FC24C Datasheet(PDF) 4 Page - Protek Devices

Part # P0408FC24C
Description  PFLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0408FC24C Datasheet(HTML) 4 Page - Protek Devices

  P0408FC24C Datasheet HTML 1Page - Protek Devices P0408FC24C Datasheet HTML 2Page - Protek Devices P0408FC24C Datasheet HTML 3Page - Protek Devices P0408FC24C Datasheet HTML 4Page - Protek Devices P0408FC24C Datasheet HTML 5Page - Protek Devices P0408FC24C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
05156.R6 2/07
www.protekdevices.com
*U.S. Patent No. Des. “D456,367S”
P0408FC3.3C*
thru
P0408FC36C*
APPLICATION INFORMATION
Ramp-up
Ramp-down
Ramp-up
15 seconds
Solder Time
15-20 seconds
Ramp-down
T
S - Preheat
T
SMAX
T
SMIN
T
L
t 25°C to Peak
30-60 seconds
T
P
155°
140°
0.275mm
Round
Non-Solder Mask Defined Pads
0.325mm Round
0.150mm
0.330mm Round
No Clean
OSP(Entek Cu Plus 106A)
±50µm
±20µm
60 Seconds
270°C
Pad Size on PCB
Pad Shape
Pad Definition
Solder Mask Opening
Solder Stencil Thickness
Solder Stencil Aperture Opening (laser cut, 5% tapered walls)
Solder Paste Type
Pad Protective Finish
Tolerance - Edge To Corner Ball
Solder Ball Side Coplanarity
Maximum Dwell Time Above Liquidous (183°C)
Soldering Maximum Temperature
PRINTED CIRCUIT BOARD RECOMMENDATIONS
PARAMETER
VALUE
REQUIREMENTS
Temperature:
T
P for Lead-Free (SnAgCu):
260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux
activation temperature, component size, weight, surface area &
plating.
RECOMMENDED NON-SOLDER MASK
DEFINED PAD ILLUSTRATION
Non-Solder Mask Defined Pad
0.275mm DIA.
Solder Mask Opening
0.325mm DIA.
Solder Stencil Opening
0.330mm DIA.


Similar Part No. - P0408FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0408FC24C PROTEC-P0408FC24C Datasheet
123Kb / 6P
   DEVICE CHARACTERISTICS
P0408FC24C PROTEC-P0408FC24C Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC24C PROTEC-P0408FC24C Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0408FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0406FC3.3C PROTEC-P0406FC3.3C Datasheet
81Kb / 6P
   PFLIP CHIP ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C Datasheet
80Kb / 6P
   PFLIP CHIP ARRAY
logo
Panasonic Semiconductor
EXB-2HV105JV PANASONIC-EXB-2HV105JV Datasheet
88Kb / 3P
   Chip Resistor Array
EXB-S8V102J PANASONIC-EXB-S8V102J Datasheet
109Kb / 3P
   Chip Resistor Array
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
Protek Devices
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
logo
Bourns Electronic Solut...
CAT16-PT2F2LF BOURNS-CAT16-PT2F2LF Datasheet
282Kb / 1P
   Concave Chip Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com