Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0408FC24C Datasheet(PDF) 3 Page - Protek Devices

Part # P0408FC24C
Description  PFLIP CHIP ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0408FC24C Datasheet(HTML) 3 Page - Protek Devices

  P0408FC24C Datasheet HTML 1Page - Protek Devices P0408FC24C Datasheet HTML 2Page - Protek Devices P0408FC24C Datasheet HTML 3Page - Protek Devices P0408FC24C Datasheet HTML 4Page - Protek Devices P0408FC24C Datasheet HTML 5Page - Protek Devices P0408FC24C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
05156.R6 2/07
www.protekdevices.com
*U.S. Patent No. Des. “D456,367S”
P0408FC3.3C*
thru
P0408FC36C*
GRAPHS
0
5
10
15
20
0
4
8
12
14
FIGURE 5
TYPICAL CLAMPING VOLTAGE VS PEAK PULSE CURRENT FOR P0408FC05C
10
6
2
I
PP - Peak Pulse Current - Amps
ESD Test Pulse - 25 kilovolt, 1/30ns (waveshape)
FIGURE 4
OVERSHOOT & CLAMPING VOLTAGE FOR P0408FC05C
-5
5
15
25
35
0
25
50
75
100
125
150
T
A - Ambient Temperature - °C
20
40
60
80
100
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
0


Similar Part No. - P0408FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0408FC24C PROTEC-P0408FC24C Datasheet
123Kb / 6P
   DEVICE CHARACTERISTICS
P0408FC24C PROTEC-P0408FC24C Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC24C PROTEC-P0408FC24C Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0408FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0406FC3.3C PROTEC-P0406FC3.3C Datasheet
81Kb / 6P
   PFLIP CHIP ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C Datasheet
80Kb / 6P
   PFLIP CHIP ARRAY
logo
Panasonic Semiconductor
EXB-2HV105JV PANASONIC-EXB-2HV105JV Datasheet
88Kb / 3P
   Chip Resistor Array
EXB-S8V102J PANASONIC-EXB-S8V102J Datasheet
109Kb / 3P
   Chip Resistor Array
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
Protek Devices
P0402FC PROTEC-P0402FC Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
logo
Bourns Electronic Solut...
CAT16-PT2F2LF BOURNS-CAT16-PT2F2LF Datasheet
282Kb / 1P
   Concave Chip Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com