Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7106 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL7106
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7106 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL7106 Datasheet HTML 4Page - Intersil Corporation ICL7106 Datasheet HTML 5Page - Intersil Corporation ICL7106 Datasheet HTML 6Page - Intersil Corporation ICL7106 Datasheet HTML 7Page - Intersil Corporation ICL7106 Datasheet HTML 8Page - Intersil Corporation ICL7106 Datasheet HTML 9Page - Intersil Corporation ICL7106 Datasheet HTML 10Page - Intersil Corporation ICL7106 Datasheet HTML 11Page - Intersil Corporation ICL7106 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN3082.8
Digital Section
Figures 7 and 8 show the digital section for the ICL7106 and
ICL7107, respectively. In the ICL7106, an internal digital
ground is generated from a 6V Zener diode and a large
P-Channel source follower. This supply is made stiff to
absorb the relative large capacitive currents when the back
plane (BP) voltage is switched. The BP frequency is the
clock frequency divided by 800. For three readings/sec., this
is a 60Hz square wave with a nominal amplitude of 5V. The
segments are driven at the same frequency and amplitude
and are in phase with BP when OFF, but out of phase when
ON. In all cases negligible DC voltage exists across the
segments.
Figure 8 is the Digital Section of the ICL7107. It is identical to
the ICL7106 except that the regulated supply and back plane
drive have been eliminated and the segment drive has been
increased from 2mA to 8mA, typical for instrument size
common anode LED displays. Since the 1000 output (pin 19)
must sink current from two LED segments, it has twice the
drive capability or 16mA.
In both devices, the polarity indication is “on” for negative
analog inputs. If IN LO and IN HI are reversed, this indication
can be reversed also, if desired.
ICL7106
V+
BP
TEST
DECIMAL
POINT
SELECT
CD4030
GND
V+
TO LCD
DECIMAL
POINTS
FIGURE 6. EXCLUSIVE ‘OR’ GATE FOR DECIMAL POINT DRIVE
7
SEGMENT
DECODE
SEGMENT
OUTPUT
0.5mA
2mA
INTERNAL DIGITAL GROUND
TYPICAL SEGMENT OUTPUT
V+
LCD PHASE DRIVER
LATCH
7
SEGMENT
DECODE
÷200
LOGIC CONTROL
INTERNAL
VTH = 1V
7
SEGMENT
DECODE
1000’s
100’s
10’s
1’s
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
DIGITAL
GROUND
÷4
CLOCK
40
39
38
OSC 1
OSC 2
OSC 3
BACKPLANE
21
V+
TEST
V-
500
37
26
6.2V
COUNTER
COUNTER
COUNTER
COUNTER
1
c
a
b
c
d
f
g
e
a
b
a
b
c
d
f
g
e
a
b
c
d
f
g
e
THREE INVERTERS
ONE INVERTER SHOWN FOR CLARITY
FIGURE 7. ICL7106 DIGITAL SECTION
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7106 INTERSIL-ICL7106 Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7106

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com