Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7106 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL7106
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7106 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL7106 Datasheet HTML 1Page - Intersil Corporation ICL7106 Datasheet HTML 2Page - Intersil Corporation ICL7106 Datasheet HTML 3Page - Intersil Corporation ICL7106 Datasheet HTML 4Page - Intersil Corporation ICL7106 Datasheet HTML 5Page - Intersil Corporation ICL7106 Datasheet HTML 6Page - Intersil Corporation ICL7106 Datasheet HTML 7Page - Intersil Corporation ICL7106 Datasheet HTML 8Page - Intersil Corporation ICL7106 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN3082.8
Typical Integrator Amplifier Output Waveform (INT Pin)
Design Information Summary Sheet
• OSCILLATOR FREQUENCY
fOSC = 0.45/RC
COSC > 50pF; ROSC > 50kΩ
fOSC (Typ) = 48kHz
• OSCILLATOR PERIOD
tOSC = RC/0.45
• INTEGRATION CLOCK FREQUENCY
fCLOCK = fOSC/4
• INTEGRATION PERIOD
tINT = 1000 x (4/fOSC)
• 60/50Hz REJECTION CRITERION
tINT/t60Hz or tlNT/t60Hz = Integer
• OPTIMUM INTEGRATION CURRENT
IINT = 4µA
• FULL SCALE ANALOG INPUT VOLTAGE
VlNFS (Typ) = 200mV or 2V
• INTEGRATE RESISTOR
• INTEGRATE CAPACITOR
• INTEGRATOR OUTPUT VOLTAGE SWING
•VINT MAXIMUM SWING:
(V- + 0.5V) < VINT < (V+ - 0.5V), VINT (Typ) = 2V
• DISPLAY COUNT
• CONVERSION CYCLE
tCYC = tCL0CK x 4000
tCYC = tOSC x 16,000
when fOSC = 48kHz; tCYC = 333ms
• COMMON MODE INPUT VOLTAGE
(V- + 1V) < VlN < (V+ - 0.5V)
• AUTO-ZERO CAPACITOR
0.01
µF < C
AZ < 1µF
• REFERENCE CAPACITOR
0.1
µF < CREF < 1µF
•VCOM
Biased between Vi and V-.
•VCOM ≅ V+ - 2.8V
Regulation lost when V+ to V- <
≅6.8V
If VCOM is externally pulled down to (V+ to V-)/2,
the VCOM circuit will turn off.
• ICL7106 POWER SUPPLY: SINGLE 9V
V+ - V- = 9V
Digital supply is generated internally
VGND ≅ V+ - 4.5V
• ICL7106 DISPLAY: LCD
Type: Direct drive with digital logic supply amplitude.
• ICL7107 POWER SUPPLY: DUAL
±5.0V
V+ = +5V to GND
V- = -5V to GND
Digital Logic and LED driver supply V+ to GND
• ICL7107 DISPLAY: LED
Type: Non-Multiplexed Common Anode
R
INT
V
INFS
I
INT
-----------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
INT
()
C
INT
--------------------------------
=
COUNT
1000
V
IN
V
REF
---------------
×
=
AUTO ZERO PHASE
(COUNTS)
2999 - 1000
SIGNAL INTEGRATE
PHASE FIXED
1000 COUNTS
DE-INTEGRATE PHASE
0 - 1999 COUNTS
TOTAL CONVERSION TIME = 4000 x tCLOCK = 16,000 x tOSC
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7106 INTERSIL-ICL7106 Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7106

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com