Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL7106_0512 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7106_0512
Description  3쩍 Digit, LCD/LED Display, A/D Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7106_0512 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7106_0512 Datasheet HTML 2Page - Intersil Corporation ICL7106_0512 Datasheet HTML 3Page - Intersil Corporation ICL7106_0512 Datasheet HTML 4Page - Intersil Corporation ICL7106_0512 Datasheet HTML 5Page - Intersil Corporation ICL7106_0512 Datasheet HTML 6Page - Intersil Corporation ICL7106_0512 Datasheet HTML 7Page - Intersil Corporation ICL7106_0512 Datasheet HTML 8Page - Intersil Corporation ICL7106_0512 Datasheet HTML 9Page - Intersil Corporation ICL7106_0512 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN3082.8
Detailed Description
Analog Section
Figure 3 shows the Analog Section for the ICL7106 and
ICL7107. Each measurement cycle is divided into three
phases. They are (1) auto-zero (A-Z), (2) signal integrate
(INT) and (3) de-integrate (DE).
Auto-Zero Phase
During auto-zero three things happen. First, input high and low
are disconnected from the pins and internally shorted to analog
COMMON. Second, the reference capacitor is charged to the
reference voltage. Third, a feedback loop is closed around the
system to charge the auto-zero capacitor CAZ to compensate
for offset voltages in the buffer amplifier, integrator, and
comparator. Since the comparator is included in the loop, the A-
Z accuracy is limited only by the noise of the system. In any
case, the offset referred to the input is less than 10
µV.
Signal Integrate Phase
During signal integrate, the auto-zero loop is opened, the
internal short is removed, and the internal input high and low
are connected to the external pins. The converter then
integrates the differential voltage between IN HI and IN LO for a
fixed time. This differential voltage can be within a wide
common mode range: up to 1V from either supply. If, on the
other hand, the input signal has no return with respect to the
converter power supply, IN LO can be tied to analog COMMON
to establish the correct common mode voltage. At the end of
this phase, the polarity of the integrated signal is determined.
De-Integrate Phase
The final phase is de-integrate, or reference integrate. Input
low is internally connected to analog COMMON and input
high is connected across the previously charged reference
capacitor. Circuitry within the chip ensures that the capacitor
will be connected with the correct polarity to cause the
integrator output to return to zero. The time required for the
output to return to zero is proportional to the input signal.
Specifically the digital reading displayed is:
.
Differential Input
The input can accept differential voltages anywhere within the
common mode range of the input amplifier, or specifically from
0.5V below the positive supply to 1V above the negative
supply. In this range, the system has a CMRR of 86dB typical.
However, care must be exercised to assure the integrator
output does not saturate. A worst case condition would be a
large positive common mode voltage with a near full scale
negative differential input voltage. The negative input signal
drives the integrator positive when most of its swing has been
used up by the positive common mode voltage. For these
critical applications the integrator output swing can be
reduced to less than the recommended 2V full scale swing
with little loss of accuracy. The integrator output can swing to
within 0.3V of either supply without loss of linearity.
Differential Reference
The reference voltage can be generated anywhere within the
power supply voltage of the converter. The main source of
common mode error is a roll-over voltage caused by the
reference capacitor losing or gaining charge to stray capacity
on its nodes. If there is a large common mode voltage, the
reference capacitor can gain charge (increase voltage) when
called up to de-integrate a positive signal but lose charge
(decrease voltage) when called up to de-integrate a negative
input signal. This difference in reference for positive or negative
input voltage will give a roll-over error. However, by selecting the
reference capacitor such that it is large enough in comparison
to the stray capacitance, this error can be held to less than 0.5
count worst case. (See Component Value Selection.)
DISPLAY COUNT = 1000
V
IN
V
REF
---------------



FIGURE 3. ANALOG SECTION OF ICL7106 AND ICL7107
DE
-
DE+
CINT
CAZ
RINT
BUFFER
A-Z
INT
-
+
A-Z
COMPARATOR
IN HI
COMMON
IN LO
31
32
30
DE-
DE+
INT
A-Z
34
CREF+
36
REF HI
CREF
REF LO
35
A-Z
A-Z
33
CREF-
28
29
27
TO
DIGITAL
SECTION
A-Z AND DE
(±)
INTEGRATOR
INT
STRAY
STRAY
V+
10
µA
V-
N
INPUT
HIGH
2.8V
6.2V
V+
1
INPUT
LOW
-
+
-
+
-
+
ICL7106, ICL7107, ICL7107S


Similar Part No. - ICL7106_0512

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7106-ICL7107 MAXIM-ICL7106-ICL7107 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
ICL7106C/D MAXIM-ICL7106C/D Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7106CDL INTERSIL-ICL7106CDL Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
ICL7106CJL MAXIM-ICL7106CJL Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7106CJL INTERSIL-ICL7106CJL Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7106_0512

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7106 UTC-7106_11 Datasheet
368Kb / 18P
   3쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
ARTSCHIP ELECTRONICS CO...
ICL7106 ARTSCHIP-ICL7106 Datasheet
956Kb / 17P
   LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
ICL7106 MAXIM-ICL7106 Datasheet
543Kb / 12P
   3쩍 Digit A/D Converter
logo
Unisonic Technologies
7106 UTC-7106 Datasheet
444Kb / 18P
   3 쩍 DIGIT, LCD DISPLAY, A/D CONVERTERS
UTC7106 UTC-UTC7106 Datasheet
233Kb / 15P
   3/12 DIGIT,LCD DISPLAY A/D CONVERTERS
logo
Maxim Integrated Produc...
MAX130 MAXIM-MAX130 Datasheet
661Kb / 12P
   3쩍 Digit A/D Converters with Bandgap Refrence
19-0357; Rev 0; 4/89
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com