Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C54RH Datasheet(PDF) 6 Page - Intersil Corporation

Part # HS-82C54RH
Description  Radiation Hardened CMOS Programmable Interval Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C54RH Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HS-82C54RH_00 Datasheet HTML 2Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 3Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 4Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 5Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 6Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 7Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 8Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 9Page - Intersil Corporation HS-82C54RH_00 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Functional Description
General
The HS-82C54RH is a programmable interval timer/counter
designed for use with microcomputer systems. It is a general
purpose, multi-timing element that can be treated as an
array of I/O ports in the system software.
The HS-82C54RH solves one of the most common problems
in any microcomputer system, the generation of accurate
time delays under software control. Instead of setting up
timing loops in software, the programmer configures the
HS-82C54RH to match his requirements and programs one
of the counters for the desired delay. After the desired delay,
the HS-82C54RH will interrupt the CPU. Software overhead
is minimal and variable length delays can easily be
accommodated.
Some of the other timer functions common to micro-
computers which can be implemented with the
HS-82C54RH are:
• Real time clock
• Event counter
• Digital one-shot
• Programmable rate generator
• Square wave generator
• Binary rate multiplier
• Complex waveform generator
• Complex motor controller
Data Bus Buffer
This three-state, bi-directional, 8-bit buffer is used to
interface the HS-82C54RH to the system bus (see Figure 5).
Read/Write Logic
The Read/Write Logic accepts inputs from the system bus
and generates control signals for the other functional blocks
of the HS-82C54RH. A1 and A0 select one of the three
counters or the Control Word Register to be read
from/written into. A “low” on the RD input tells the
HS-82C54RH that the CPU is reading one of the counters. A
“low” on the WR input tells the HS-82C54RH that the CPU is
writing either a Control Word or an initial count. Both RD and
WR are qualified by CS; RD and WR are ignored unless the
HS-82C54RH has been selected by holding CS low.
Control Word Register
The Control Word Register (Figure 6) is selected by the
Read/Write Logic when A1, A0 = 11. If the CPU then does a
write operation to the HS-82C54RH, the data is stored in the
Control Word Register and is interpreted as a Control Word
used to define the Counter operation.
The Control Word Register can only be written to; status
information is available with the Read-Back Command.
Counter 0, Counter 1, Counter 2
These three functional clocks are identical in operation, so
only a single Counter will be described. The internal block
diagram of a single counter is shown in Figure 7. The
counters are fully independent. Each Counter may operate
in a different Mode.
The Control Word Register is shown in the figure; it is not
part of the Counter itself, but its contents determine how the
Counter operates.
(8)
CONTROL
WORD
REGISTER
D7-D0
RD
WR
A0
A1
CS
COUNTER
1
COUNTER
0
COUNTER
2
OUT 1
GATE 1
CLK 1
OUT 0
GATE 0
CLK 0
OUT 2
GATE 2
CLK 2
DATA
BUS
BUFFER
READ/
WRITE
LOGIC
FIGURE 5. DATA BUS BUFFER AND READ/WRITE LOGIC
FUNCTION
(8)
DATA
BUS
BUFFER
READ/
WRITE
LOGIC
CONTROL
WORD
REGISTER
D7-D0
RD
WR
A0
A1
CS
COUNTER
1
COUNTER
0
COUNTER
2
OUT 1
GATE 1
CLK 1
OUT 0
GATE 0
CLK 0
OUT 2
GATE 2
CLK 2
FIGURE 6. CONTROL WORD REGISTER AND COUNTER
FUNCTIONS
HS-82C54RH


Similar Part No. - HS-82C54RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
More results

Similar Description - HS-82C54RH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
logo
Renesas Technology Corp
HS-82C54RH RENESAS-HS-82C54RH Datasheet
948Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
Aug 2000
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Intersil Corporation
CS82C54-10Z96 INTERSIL-CS82C54-10Z96 Datasheet
426Kb / 22P
   CMOS Programmable Interval Timer
logo
Renesas Technology Corp
82C54 RENESAS-82C54 Datasheet
679Kb / 23P
   CMOS Programmable Interval Timer
Sep 15, 2015
logo
Intersil Corporation
82C54 INTERSIL-82C54 Datasheet
142Kb / 17P
   CMOS Programmable Interval Timer
March 1997
logo
OKI electronic componet...
MSM82C53-2RS OKI-MSM82C53-2RS Datasheet
149Kb / 19P
   CMOS PROGRAMMABLE INTERVAL TIMER
MSM82C54-2RS OKI-MSM82C54-2RS Datasheet
161Kb / 23P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Mitsubishi Electric Sem...
M5M82C54P MITSUBISHI-M5M82C54P Datasheet
916Kb / 11P
   CMOS PROGRAMMABLE INTERVAL TIMER
logo
Toshiba Semiconductor
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
   PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com