Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HS-82C37ARH Datasheet(PDF) 3 Page - Intersil Corporation

Part # HS-82C37ARH
Description  Radiation Hardened CMOS High Performance Programmable DMA Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS-82C37ARH Datasheet(HTML) 3 Page - Intersil Corporation

  HS-82C37ARH_00 Datasheet HTML 1Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 2Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 3Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 4Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 5Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 6Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 7Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 8Page - Intersil Corporation HS-82C37ARH_00 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Pin Descriptions
SYMBOL
PIN
NUMBER
TYPE
DESCRIPTION
VDD
31
VDD: is the +5V power supply pin. A 0.1
µF capacitor between pins 31 and 20 is recommended for
decoupling.
GND
20
Ground
CLK
12
I
CLOCK INPUT: The Clock Input is used to generate the timing signals which control HS-82C37ARH
operations. This input may be driven from DC to 5MHz and may be stopped in either high or low state for
standby operation.
CS
11
I
CHIP SELECT: Chip Select is an active low input used to enable the controller onto the data bus for CPU
communications.
RESET
13
I
RESET: This is an active high input which clears the Command, Status, Request and Temporary Registers,
the First/Last Flip-Flop, and the Mode Register Counter. The Mask Register is Set to ignore requests.
Following a Reset, the controller is in an idle cycle.
READY
6
I
READY: This signal can be sued to extend the memory read and write pulses from the HS-82C37ARH to
accommodate slow memories or I/O devices. Ready must not make transitions during its specified set-up and
hold times. Ready is ignored in Verify Transfer mode.
HLDA
7
I
HOLD ACKNOWLEDGE: The active high Hold Acknowledge from the CPU indicates that is has relinquished
control of the system busses.
DREQ0-
DREQ3
16-19
I
DMA REQUEST: The DMA Request (DREQ) lines are individual asynchronous channel request inputs used
by peripheral circuits to obtain DMA service. In Fixed Priority, DREQ0 has the highest priority and DREQ3
has the lowest priority. A request is generated by activating the DREQ line of a channel. DACK will
acknowledge the recognition of DREQ signal. Polarity of DREQ is programmable. Reset initializes these lines
to active. DREQ will not be recognized while the clock is stopped. Unused DREQ inputs should be pulled
High or Low (inactive) and the corresponding mask bit set.
DB0-DB7
21-23
26-30
I/O
DATA BUS: The Data Bus lines are bidirectional three-state signals connected to the system data bus. The
outputs are enabled in the Program Condition during the I/O Read to output the contents of a register to the
CPU. The outputs are disabled and the inputs are read during an I/O Write cycle when the CPU is
programming the HS-82C37ARH Control Registers. During DMA cycles, the most significant 8 bits of the
address are output onto the data bus to be strobed into an external latch by ADSTB. In Memory-to-Memory
operations, data from the memory enters the HS-82C37ARH on the data bus during the read-from-memory
transfer, then during the write-to-memory transfer, the data bus outputs write the data into the new memory
location.
IOR
1
I/O
I/O READ: I/O Read is a bidirectional active low three-state line. In the Idle cycle, it is an input control signal
used by the CPU to read the internal registers. In the Active cycle, it is an output control signal used by the
HS-82C37ARH to access data from a peripheral during a DMA Write transfer.
IOW
2
I/O
I/O WRITE: I/O Write is a bidirectional active low three-state line. In the Idle cycle, it is an input control signal
used by the CPU to load information into the HS-82C37ARH. In the Active cycle, it is an output control signal
used by the HS-82C37ARH to load data to the peripheral during a DMA Read transfer.
EOP
36
I/O
END OF PROCESS: End of Process (EOP) is an active low bidirectional signal. Information concerning the
completion of DMA services is available at the bidirectional EOP pin.
The HS-82C37ARH allows an external signal to terminate an active DMA service by pulling the EOP pin low.
A pulse is generated by the HS-82C37ARH when terminal count (TC) for any channel is reached, except for
channel 0 in Memory-to-Memory mode. During Memory-to-Memory transfers, EOP will be output when the
TC for channel 1 occurs.
The EOP pin is driven by an open drain transistor on-chip, and requires an external pull-up resistor.
When an EOP pulse occurs, whether internally or externally generated, the HS-82C37ARH will terminate the
service, and if Autoinitialize is enabled, the base registers will be written to the current registers of that
channel. The mask bit and TC bit in the Status Register will be set for the currently active channel by EOP
unless the channel is programmed for Autoinitialize. In that case, the mask bit remains clear.
A0-A3
32-35
I/O
Address: The four least significant address lines are bidirectional three-state signals. In the Idle cycle, they
are inputs and are used by the HS-80C86RH to address the internal registers to be loaded or read. In the
Active cycle, they are outputs and provide the lower 4 bits of the output address.
A4-A7
37-40
O
Address: The four most significant address lines are three-state outputs and provide 4 bits of address. These
lines are enabled only during the Active cycle.
HS-82C37ARH


Similar Part No. - HS-82C37ARH_00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
More results

Similar Description - HS-82C37ARH_00

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
   Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
HS-82C54RH INTERSIL-HS-82C54RH_00 Datasheet
203Kb / 17P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C54RH INTERSIL-HS-82C54RH Datasheet
171Kb / 21P
   Radiation Hardened CMOS Programmable Interval Timer
HS-82C55ARH INTERSIL-HS-82C55ARH_00 Datasheet
234Kb / 17P
   Radiation Hardened CMOS Programmable Peripheral Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com