Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R9672302VXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962R9672302VXC
Description  Radiation Hardened Triple Line Transmitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962R9672302VXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962R9672302VXC Datasheet HTML 1Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 2Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 3Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 4Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 5Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 6Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 7Page - Intersil Corporation 5962R9672302VXC Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN3034.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HS-245RH, HS-246RH, HS-248RH
HS-245RH
Radiation Hardened Triple
Line Transmitter
HS-246RH
Radiation Hardened Triple
Line Receiver
HS-248RH
Radiation Hardened Triple
Party-Line Receiver
The HS-245RH/246RH/248RH radiation hardened triple line
transmitter and triple line receivers are fabricated using the
Intersil dielectric isolation process. These parts are identical in
pinout and function to the original HD-245/246/248. They are
also die size and bond pad placement compatible with the
original parts for those customers who buy dice for hybrid
assembly.
Each transmitter-receiver combination provides a digital
interface between systems linked by 100
Ω twisted pair,
shielded cable. Each device contains three circuits
fabricated within a single monolithic chip. Data rates greater
than 15MHz are possible depending on transmission line
loss characteristics and length.
The transmitter employs constant current switching which
provides high noise immunity along with high speeds, low
power dissipation, low EMI generation and the ability to
drive high capacitance loads. In addition, the transmitters
can be turned “off” allowing several transmitters to time-
share a single line.
Receiver input/output differences are shown in the table:
The internal 100
Ω cable termination consists of 50Ω from
each input to ground.
HS-248RH ‘‘party line’’ receivers have a Hi-Z input such that
as many as ten of these receivers can be used on a single
transmission line.
Each transmitter input and receiver output can be connected to
TTL and DTL systems. When used with shielded transmission
line, the transmitter-receiver system has very high immunity to
capacitance and magnetic noise coupling from adjacent
conductors. The system can tolerate ground differentials of
-2.0V to +20.0V (transmitter with respect to receiver).
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed here must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-96722 and 5962-96723.
Features
• Electrically Screened to SMD # 5962-96722 and
5962-96723
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened DI Processing
- Total Dose . . . . . . . . . . . . . . . . . . . . 200 krad(Si) (Max)
- Latchup Free
- Neutron Fluence . . . . . . . . . . . . . . . . . .5 x 1012 N/cm2
• Replaces HD-245/246/248
• Current Mode Operation
• High Speed with 50 Foot Cable . . . . . . . . . . . . . . . 15MHz
High Speed with 1000 Foot Cable . . . . . . . . . . . . . . 2MHz
• High Noise Immunity
• Low EMI Generation
• Low Power Dissipation
• High Common Mode Rejection
• Transmitter and Receiver Party Line Capability
• Tolerates -2.0V to +20.0V Ground Differential (Transmitter
with Respect to Receiver)
• Transmitter Input/Receiver Output TTL/DTL Compatible
PART NO.
INPUT
OUTPUT
HS-246RH
100
Open Collector
HS-248RH
Hi-Z
6K Pull-Up Resistors
Ordering Information
ORDERING NUMBER
INTERNAL
MKT. NUMBER
TEMP. RANGE
(oC)
5962R9672201QCC
HS1-245RH-8
-55 to 125
5962R9672201QXC
HS9-245RH-8
-55 to 125
5962R9672201VCC
HS1-245RH-Q
-55 to 125
5962R9672201VXC
HS9-245RH-Q
-55 to 125
HS9-245RH/PROTO
HS9-245RH/PROTO
-55 to 125
5962R9672301QCC
HS1-246RH-8
-55 to 125
5962R9672301QXC
HS9-246RH-8
-55 to 125
5962R9672301VCC
HS1-246RH-Q
-55 to 125
5962R9672301VXC
HS9-246RH-Q
-55 to 125
5962R9672302QCC
HS1-248RH-8
-55 to 125
5962R9672302QXC
HS9-248RH-8
-55 to 125
5962R9672302VCC
HS1-248RH-Q
-55 to 125
5962R9672302VXC
HS9-248RH-Q
-55 to 125
Data Sheet
April 2003


Similar Part No. - 5962R9672302VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962R9672302VXC RENESAS-5962R9672302VXC Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
More results

Similar Description - 5962R9672302VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-245RH INTERSIL-HS-245RH Datasheet
110Kb / 8P
   Radiation Hardened Triple Line(party-Line) Transmitter
logo
Renesas Technology Corp
HS-245RH RENESAS-HS-245RH Datasheet
341Kb / 8P
   Radiation Hardened Triple Line Transmitter and Receivers
April 2003
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
HCS10MS INTERSIL-HCS10MS Datasheet
181Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
   Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS27MS INTERSIL-ACS27MS Datasheet
38Kb / 2P
   Radiation Hardened Triple 3-Input NOR Gate
July 1999
HCS27MS INTERSIL-HCS27MS Datasheet
180Kb / 8P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
HCTS27MS INTERSIL-HCTS27MS Datasheet
54Kb / 9P
   Radiation Hardened Triple 3-Input NOR Gate
September 1995
logo
Renesas Technology Corp
HCS10MS RENESAS-HCS10MS Datasheet
389Kb / 8P
   Radiation Hardened Triple 3-Input NAND Gate
September 1995
logo
Intersil Corporation
HCTS11MS INTERSIL-HCTS11MS Datasheet
121Kb / 7P
   Radiation Hardened Triple 3-Input AND Gate
November 1994
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com