Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7170IBG Datasheet(PDF) 11 Page - Intersil Corporation

Part # ICM7170IBG
Description  Microprocessor-Compatible, Real-Time짰lock
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170IBG Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ICM7170IBG Datasheet HTML 6Page - Intersil Corporation ICM7170IBG Datasheet HTML 7Page - Intersil Corporation ICM7170IBG Datasheet HTML 8Page - Intersil Corporation ICM7170IBG Datasheet HTML 9Page - Intersil Corporation ICM7170IBG Datasheet HTML 10Page - Intersil Corporation ICM7170IBG Datasheet HTML 11Page - Intersil Corporation ICM7170IBG Datasheet HTML 12Page - Intersil Corporation ICM7170IBG Datasheet HTML 13Page - Intersil Corporation ICM7170IBG Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
functioning as an I/O block address decoder. DS1 selects
the interrupt priority.
U5 is used to isolate the ICM7170 from the PC databus for
test purposes. It is only required on heavily-loaded TTL
databuses - the ICM7170 can drive most TTL and CMOS
databuses directly.
Since the IBM PC/XT (Note 1) requires a positive interrupt
transition, the ICM7170s interrupt output transistor has been
configured as a source follower. As a source follower, the
interrupt output signal will swing between 0V and 2.5V.
When trimming the oscillator, the frequency counter must be
triggered on the rising edge of the interrupt signal.
TABLE 6.
BATTERIES
CRYSTALS
Panasonic
Saronix
32kHz
NTF3238
Rayovac
Statek
32kHz
CX - 1V
Seiko
2MHz
GT - 38
NOTE:
1.IBM, IBM PC, and IBM XT are trademarks of IBM Corp.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
U3
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
A11 AEN
S1
S2
S3
S4
A26 A5
A25 A6
A24 A7
A23 A8
A22 A9
A31 A0
A30 A1
A29 A2
A28 A3
A27 A4
B4 IRQ2
B23 IRQ5
B24 IRQ4
B25 IRQ3
TP1
POSITIVE INTERRUPT
C1
C2
C3
X1
R2
B1
SR2
C4
J1
C7
C5
C6
IOR B14
IOW B13
5V B3.B29
GND B1.B31
D7 A2
D6 A3
D5 A4
D4 A5
D3 A6
D2 A7
D1 A8
D0 A9
D1 OPTIONAL DIODE AND
RESISTOR SEE NOTE 8
R1
1K
S1
S2
S3
S4
74LS688
U2
ICM7170
U5
74LS245
U1
74LS139
+
-
DSI
INTERRUPT
SELECT
FIGURE 9. IBM PC INTERFACE FOR ICM7170Y
ICM7170


Similar Part No. - ICM7170IBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170IBG INTERSIL-ICM7170IBG Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
Rochester Electronics
ICM7170IBG ROCHESTER-ICM7170IBG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170IBG RENESAS-ICM7170IBG Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
Rochester Electronics
ICM7170IBGT ROCHESTER-ICM7170IBGT Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
More results

Similar Description - ICM7170IBG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
   Microprocessor-Compatible, Real-Time Clock
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
logo
Burr-Brown (TI)
ADC774 BURR-BROWN-ADC774 Datasheet
65Kb / 7P
   Microprocessor-Compatible
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com