Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AP1506 Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. AP1506
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

AP1506 Datasheet(HTML) 5 Page - Diodes Incorporated

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AP1506
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
5 of 13
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Continued)
Specifications with boldface type are for full operating temperature range, the other type are for T
J = 25ºC.
Symbol
Parameter
Conditions
VMin.
Typ.
VMax.
Unit
1.193
1.23
1.267
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
VOUT programmed
for 3V
1.18
-
1.28
V
AP1506-ADJ
η
Efficiency
VIN = 12V, ILOAD =
3A
-
74
-
%
3.168
3.3
3.432
OUT
V
Output
Voltage
5.5V < VIN < 22V
0.2A < ILOAD < 3A
3.135
-
3.465
V
AP1506-3.3V
η
Efficiency
VIN = 12V, ILOAD =
3A
-
75
-
%
4.8
5
5.2
OUT
V
Output
Voltage
8V < VIN < 22V
0.2A < ILOAD < 3A
4.75
-
5.25
V
AP1506-5V
η
Efficiency
VIN = 12V, ILOAD =
3A
-
80
-
%
11.52
12
12.48
OUT
V
Output
Voltage
15V < VIN < 22V
0.2A < ILOAD < 3A
11.4
-
12.6
V
AP1506-12V
η
Efficiency
VIN = 16V, ILOAD =
3A
-
89
-
%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn