Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-TRP-RR3P Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-TRP-RR3P
Description  23mm GLASS TRANSPONDER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-TRP-RR3P Datasheet(HTML) 1 Page - Texas Instruments

  RI-TRP-RR3P Datasheet HTML 1Page - Texas Instruments RI-TRP-RR3P Datasheet HTML 2Page - Texas Instruments RI-TRP-RR3P Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
(1)
RI-TRP-RR3P, RI-TRP-WR3P
SCBS843 – SEPTEMBER 2001
23mm GLASS TRANSPONDER
• Access Control
• Best in Class Performance Through Patented
HDX Technology
• Vehicle Identification
• Container Tracking
• Patented Transponder Tuning Provides Stable
and High Read/Write Performance
• Asset Management
• Waste Management
• 64 Bit Read Only and 80 Bit Read/Write Types
xxx
Are Available
xxx
• ISO 11784/11785 Compliant
• Insensitive to Almost All Non Metallic
Materials
Texas Instruments’ 23 mm glass transponders are providing superior performance and operate at a resonance
frequency of 134.2 kHz. Specific products are compliant to ISO/IEC 11784/11785 global open standards. Texas
Instruments LF transponders are manufactured with TI’s patented tuning process to provide consistent read and
write performance. Prior to delivery, the transponders undergo complete functional and parametric testing, in
order to provide the high quality customers have come to expect from TI. The transponder is well suited for
usage in a broad range of applications including, but not limited to, access control, vehicle identification,
container tracking, asset management and waste management applications.
over operating free-air temperature range (unless otherwise noted)
RI-TRP-RR3P
RI-TRP-WR3P
UNIT
Operating Temperature (Read)
–40 to +85
–40 to +85
°C
Operating Temperature (Program)
–40 to +70
°C
Storage Temperature
–40 to +100 (+125
°C for total 1000 hours, +175°C for total 5 minutes)
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI-RFid is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-TRP-RR3P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30 Datasheet
58Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30 Datasheet
482Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30_13 Datasheet
482Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
More results

Similar Description - RI-TRP-RR3P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30 Datasheet
58Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-RR3P-30 TI1-RI-TRP-RR3P-30_13 Datasheet
482Kb / 3P
[Old version datasheet]   23mm GLASS TRANSPONDER
RI-TRP-REHP TI-RI-TRP-REHP Datasheet
40Kb / 3P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
RI-TRP-REHP-30 TI1-RI-TRP-REHP-30 Datasheet
66Kb / 4P
[Old version datasheet]   LOW FREQUENCY 23mm GLASS TRANSPONDER
RI-TRP-RR2B TI-RI-TRP-RR2B_1 Datasheet
120Kb / 4P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B Datasheet
170Kb / 1P
[Old version datasheet]   32mm Glass Transponder
RI-TRP-W9TB TI-RI-TRP-W9TB Datasheet
173Kb / 1P
[Old version datasheet]   50mm Glass Transponder
logo
PREMO CORPORATION S.L
GT-04815-800J PREMO-GT-04815-800J Datasheet
192Kb / 1P
   Glass tube transponder inductors
logo
Texas Instruments
RI-TRP-RR2B TI-RI-TRP-RR2B_08 Datasheet
100Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
RI-TRP-RR2B TI-RI-TRP-RR2B_12 Datasheet
104Kb / 4P
[Old version datasheet]   32 mm Glass Transponder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com