Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1084T15L-U Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1084T15L-U
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084T15L-U Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1084T15L-U Datasheet HTML 1Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 2Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 3Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 4Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 5Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 6Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 7Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 8Page - Diodes Incorporated AP1084T15L-U Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 1
1 of 10
FEBRUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
1.4V Maximum Dropout at Full Load Current
Built-in Thermal Shutdown
Output Current Limiting
Adjustable Output Voltage or Fixed 1.5V, 1.8V, 2.5V,
3.3V, 5.0V
Fast Transient Response
Good Noise Rejection
Lead-Free Package: TO252-3L, TO263-3L, and
TO220-3L
TO252-3L: Available in “Green” Molding Compound
(No Br, Sb) (Note 1)
Lead Free Finish/RoHS Compliant for Lead Free
products (Note 2)
AP1084 is a low dropout positive adjustable or fixed-mode
regulator with 5.0A output current capability. The product is
specifically designed to provide well-regulated supply for low
voltage IC applications such as high-speed bus termination and
low current 3.3V logic supply. AP1084 is also well suited for other
applications such as VGA cards. AP1084 is guaranteed to have
lower than 1.4V dropout at full load current making it ideal to
provide well-regulated outputs of 1.25 to 3.3V with 4.7 to 12V
input supply.
AP1084 X XX X X
Package
Vout
D : TO252-3L
K:TO263-3L
T : TO220-3L
Blank : Adj
15 = 1.5V
18 = 1.8V
25 = 2.5V
33 = 3.3V
50 = 5.0V
Packing
-U : Tube
-13 : Taping
Lead Free
L : Lead Free
G : Green (Note 1)
Note:
1. Green is only available for TO252-3L.
2. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Tube/Bulk
13” Tape and Reel
Device
Package
Code
Packaging
(Note 3)
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1084D
D
TO252-3L
80
-U
2500/Tape & Reel
-13
AP1084K
K
TO263-3L
50
-U
800/Tape & Reel
-13
AP1084T
T
TO220-3L
50
-U
NA
NA
Note:
3. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Ordering Information


Similar Part No. - AP1084T15L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084T15L ANACHIP-AP1084T15L Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T15L ANACHIP-AP1084T15L Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T15LA ANACHIP-AP1084T15LA Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T15LA ANACHIP-AP1084T15LA Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084T15L-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GU1084 ETL-GU1084 Datasheet
319Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1084 GTM-GJ1084 Datasheet
248Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1084 GTM-GU1084 Datasheet
310Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084_1 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1084 ETL-GE1084 Datasheet
254Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1084 GTM-G3U1084 Datasheet
355Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GE1084 GTM-GE1084 Datasheet
244Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1084 SECOS-S3U1084 Datasheet
714Kb / 4P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com