Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF4-100FCD4 Datasheet(PDF) 2 Page - Protek Devices

Part # EMIF4-100FCD4
Description  EMI FILTER/TVS ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EMIF4-100FCD4 Datasheet(HTML) 2 Page - Protek Devices

  EMIF4-100FCD4_07 Datasheet HTML 1Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 2Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 3Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 4Page - Protek Devices EMIF4-100FCD4_07 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
05206.R3 2/07
www.protekdevices.com
EMIF4-100FCD4
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
100
mW
°C
-55 to 150
UNITS
TSTG
P
PARAMETER
DC Power Per Resistor
Operating Temperature
T
A
-40 to 85
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Typical Resistance @ ± 20%
R
100
OHMS
Note 1: ± 20% tolerance.
PART
NUMBER
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@3.3V
I
D
µA
TYPICAL
FORWARD
VOLTAGE
@10mA
V F
VOLTS
TYPICAL
CAPACITANCE
PERLINE
(See Note 1)
@2.5V, 1MHz
C
LINE
pF
EMIF4-100FCD4
6.0
0.5
0.8
30
MINIMUM
ATTENUATION
@
800-3000 MHz
dB
30
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
60
CUT-OFF
FREQUENCY
(50 OHMS I/O)
ZERO BIAS
fC
MHz
FIGURE 1
RESISTANCE VS TEMPERATURE
(Normalized to Resistance at 25°C)
Temperature °C
0.900
1.100
1.060
1.020
0.940
0.980
-40
-20
0
20
40
60
80
100


Similar Part No. - EMIF4-100FCD4_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EMIF4-100FCD4 PROTEC-EMIF4-100FCD4 Datasheet
121Kb / 5P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EMIF4-100FCD4_07

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com