Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RI-I16-112A-03 Datasheet(PDF) 2 Page - Texas Instruments

Part No. RI-I16-112A-03
Description  Tag-it™ HF-I PLUS TRANSPONDER INLAYS 24.2-mm CIRCULAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

RI-I16-112A-03 Datasheet(HTML) 2 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.ti.com
RI-I16-112A-03
SCBS826 – OCTOBER 2004 – REVISED DECEMBER 2005
SPECIFICATIONS(1)
PART NUMBER
RI-I16-112A-03
Supported standard
ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Recommended operating frequency
13.56 MHz
13.70 MHz
± 400 kHz (includes frequency offset to compensate further
Passive resonance frequency (at 25
°C)
integration into paper or PVC lamination)
Typical required activation field strength to read (at 25
°C)
113 dB
µA/m(2)
Typical required activation field strength to write (at 25
°C)
116 dB
µA/m(2)
Factory programmed read-only number
64 bits
Memory (user programmable)
2k bits organized in 64-bit
× 32-bit blocks
Typical programming cycles (at 25
°C)
100,000
Data retention time (at 55
°C)
>10 years
Simultaneous identification of tags
Up to 50 tags per second (reader/antenna dependent)
Antenna size
ø 24.2 mm +0.1 mm/–0.2 mm (~1.95 in)
Foil width
48 mm
± 0.5 mm (1.89 in ± 0.02 in)
Foil pitch
50.8 mm +0.1 mm/–0.4 mm (2 in)
Chip area: 0.355 mm (~0.014 in)
Thickness
Antenna area: 0.085 mm (~0.0033 in)
Base material
Substrate: PET (polyethylenetherephtalate); Antenna: aluminum
Smallest bending radius allowed
18 mm (~0.71 in)
Operating temperature
–25
°C to 70°C
Storage temperature (single inlay)
–40
°C to 85°C (warpage may occur at upper temperature range)
Storage temperature (on reel)
–40
°C to 40°C
Single-row tape wound on cardboard reel with 500-mm diameter
Reel outer width: approximately 60 mm (~2.36 in)
Delivery
Reel inner width: approximately 50 mm (~1.97 in)
Hub diameter: 76.2 mm (3 in)
Typical quantity of good units per reel
5,000
(1)
For highest possible read-out coverage, operate readers at a modulation depth of 20% or higher.
(2)
After integration into paper
2
Submit Documentation Feedback


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn