Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI-I02-114B-01 Datasheet(PDF) 1 Page - Texas Instruments

Part # RI-I02-114B-01
Description  Tag-it??HF-I STANDARD TRANSPONDER INLAYS MINIATURE RECTANGLE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

RI-I02-114B-01 Datasheet(HTML) 1 Page - Texas Instruments

  RI-I02-114B-01 Datasheet HTML 1Page - Texas Instruments RI-I02-114B-01 Datasheet HTML 2Page - Texas Instruments RI-I02-114B-01 Datasheet HTML 3Page - Texas Instruments RI-I02-114B-01 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
RI-I03-114A-01
Tag-it™ HF-I STANDARD TRANSPONDER INLAYS
MINIATURE RECTANGLE
SCBS821 – DECEMBER 2005
• Product Authentication
• ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Compliant
• Library
• Supply-Chain Management
• 13.56-MHz Operating Frequency
• Asset Management
• 256-Bit User Memory in 8-Bit × 32-Bit Blocks
• Ticketing/Stored Value
• Application Family Identifier (AFI)
• Fast Simultaneous Identification
(Anti-Collision)
Texas Instruments Tag-it™ HF-I standard transponder inlays consist of 13.56-MHz high-frequency (HF)
transponders that are compliant with the ISO/IEC 15693 and ISO/IEC 18000-3 global open standards. These
products offer a user-accessible memory of 256 bits, organized in eight blocks, and an optimized command set
available in five different antenna shapes, with frequency offset for integration into paper, PVC, or other
substrates.
SPECIFICATIONS(1)
PART NUMBER
RI-I03-114A-01
Supported standard
ISO/IEC 15693-2, -3; ISO/IEC 18000-3
Recommended operating frequency
13.56 MHz
13.86 MHz
± 200 kHz (includes frequency offset to compensate further
Passive resonance frequency (at 25
°C)
integration into paper or PVC lamination)
Typical required activation field strength to read (at 25
°C)
107 dB
µA/m(2)
Typical required activation field strength to write (at 25
°C)
111 dB
µA/m(2)
Factory programmed read-only number
64 bits
Memory (user programmable)
256 bits organized in 8-bit
× 32-bit blocks
Typical programming cycles (at 25
°C)
100,000
Data retention time (at 55
°C)
>10 years
Simultaneous identification of tags
Up to 50 tags per second (reader/antenna dependent)
Antenna size
22.5 mm
× 38 mm (~0.89 in × ~1.5 in)
Foil width
48 mm
± 0.5 mm (1.89 in ± 0.02 in)
Foil pitch
48 mm +0.1 mm/–0.4 mm (~1.89 in)
Base material
Substrate: PET (polyethylenetherephtalate); Antenna: aluminum
Operating temperature
–25
°C to 70°C
Storage temperature (single inlay)
–40
°C to 85°C (warpage may occur at upper temperature range)
Storage temperature (on reel)
–40
°C to 40°C
Single-row tape wound on cardboard reel with 500-mm diameter
Reel outer width: approximately 60 mm (~2.36 in)
Delivery
Reel inner width: approximately 50 mm (~1.97 in)
Hub diameter: 76.2 mm (3 in)
Typical quantity of good units per reel
5,000
(1)
For highest possible read-out coverage, operate readers at a modulation depth of 20% or higher.
(2)
After integration into paper
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Tag-it is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - RI-I02-114B-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I02-114B-01 TI-RI-I02-114B-01 Datasheet
45Kb / 3P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114B-01 TI-RI-I02-114B-01 Datasheet
174Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
More results

Similar Description - RI-I02-114B-01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RI-I03-114A-01 TI-RI-I03-114A-01_11 Datasheet
153Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-114A-S1 TI-RI-I03-114A-S1 Datasheet
72Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-112A-03 TI-RI-I03-112A-03_10 Datasheet
75Kb / 5P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-114A-S1 TI-RI-I03-114A-S1_11 Datasheet
157Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I03-112A-03 TI-RI-I03-112A-03 Datasheet
42Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS MINIATURE RECTANGLE
RI-I02-114A-01 TI-RI-I02-114A-01 Datasheet
45Kb / 3P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-01 TI-RI-I02-114A-01_11 Datasheet
174Kb / 5P
[Old version datasheet]   Tag-it??HF-I STANDARD TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-112A-03 TI-RI-I02-112A-03 Datasheet
56Kb / 4P
[Old version datasheet]   Tag-it??HF-I PLUS TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-S1 TI-RI-I02-114A-S1 Datasheet
53Kb / 4P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
RI-I02-114A-S1 TI-RI-I02-114A-S1_11 Datasheet
183Kb / 5P
[Old version datasheet]   Tag-it??HF-I PRO TRANSPONDER INLAYS LARGE RECTANGLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com