Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HEF4534B Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. HEF4534B
Description  Real time 5-decade counter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

HEF4534B Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
January 1995
5
Philips Semiconductors
Product specification
Real time 5-decade counter
HEF4534B
LSI
Fig.5
Typical clock skew as a function of the supply voltage. This graph is accurate for Cext ≥ 100 pF and
Tamb =25 °C.
Note 1: Skew in this area results in counted error.
Note 2: Skew in the area between max. and min. curves may or may not result in counted error.
Note 3: Skew in this area results in no error counted.
Fig.6 Carry timing diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DP8572AReal Time Clock RTC 1 2 3 4 5 MoreNational Semiconductor (TI)
X1227Real Time Clock/Calendar/CPU Supervisor with EEPROM 1 2 3 4 5 MoreXicor Inc.
HS-RTX2010RHRadiation Hardened Real Time Express™ Microcontroller 1 2 3 4 5 MoreIntersil Corporation
X1226Real Time Clock/Calendar with EEPROM 1 2 3 4 5 MoreXicor Inc.
DS1287AReal Time Clock 1 Dallas Semiconductor
RTC-63421Real time clock 1 2 Epson ToYoCom
DP8573AReal Time Clock RTC 1 2 3 4 5 MoreNational Semiconductor (TI)
RS5C372BI2C-bus Serial Interface Real Time Clock 8pin SSOP 1 2 3 4 5 MoreRICOH electronics devices division
VT82885Real Time Clock 1 2 3 4 5 MoreList of Unclassifed Manufacturers
X1228Real Time Clock/Calendar/CPU Supervisor with EEPROM 1 2 3 4 5 MoreXicor Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn