Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-30YL-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP131-30YL-7
Description  300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP131-30YL-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP131-30YL-7 Datasheet HTML 1Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 2Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 3Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 4Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 5Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 6Page - Diodes Incorporated AP131-30YL-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP131
300mA LOW DROPOUT LINEAR REGULATOR WITH
SHUTDOWN
AP131 Rev. 1
5 of 7
NOVEMBER 2006
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
IN
OUT
GND
AP131
BP
EN
EN
VIN
C
IN
C
BP
C
OUT
VOUT
ON
OFF
1uF
0.1uF
10uF
Marking Information
1
2
3
5
4
XX Y M X
XX : Identification code
Y : Year 0~9
M : Month A~L
X : Blank : Lead Free Package
G
: Green Package
(Top View)
SOT 25
1
2
3
5
4
XX
Y M
XX : Identification code
Y : Year: 0-9
M : Month: A~L
SOT89-5L
(Top View)
Part Number
SOT25
SOT89-5
Identification
Code
AP131-15W
AP131-15Y
DA
AP131-18W
AP131-18Y
DD
AP131-20W
AP131-20Y
DF
AP131-25W
AP131-25Y
DK
AP131-28W
AP131-28Y
DN
AP131-30W
AP131-30Y
DP
AP131-33W
AP131-33Y
DS
AP131-35W
AP131-35Y
DU


Similar Part No. - AP131-30YL-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP131-30Y ANACHIP-AP131-30Y Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AP131-30YL-7

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com