Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH286-PL-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH286-PL-B
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH286-PL-B Datasheet(HTML) 1 Page - Diodes Incorporated

  AH286-PL-B Datasheet HTML 1Page - Diodes Incorporated AH286-PL-B Datasheet HTML 2Page - Diodes Incorporated AH286-PL-B Datasheet HTML 3Page - Diodes Incorporated AH286-PL-B Datasheet HTML 4Page - Diodes Incorporated AH286-PL-B Datasheet HTML 5Page - Diodes Incorporated AH286-PL-B Datasheet HTML 6Page - Diodes Incorporated AH286-PL-B Datasheet HTML 7Page - Diodes Incorporated AH286-PL-B Datasheet HTML 8Page - Diodes Incorporated AH286-PL-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AH286
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
1 of 10
JANUARY 2007
www.diodes.com
© Diodes Incorporated
Lead-free
AH286 X X X
Package
Packing
-B : Bulk
-7/-13 : Taping
P : SIP-5L
Y : SOT89-5L
Lead-Free
L : Lead-Free
-
Lead-free
On chip Hall sensor
Rotor-locked shutdown
Automatically restart
Rotor-state detection (RD) output
Built-in Zener protection for output driver
Operating voltage: 3.8V~20 V
Output current: IO(AVE) = 500mA for SOT89-5L
Lead Free Packages: SIP-5L and SOT89-5L
AH286 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-drain transistors
for motor’s coil driving, automatic lock current shutdown, and
recovery protections. In addition, rotor-state detection (RD)
output is for Rotor-state detection.
Rotor-lock shutdown detection circuit turns off the output driver
when the rotor is blocked to avoid coil overheat. Then, the
automatic recovery circuit will restart the motor. These protected
actions are repeated and periodic during the blocked period. Until
the blocking is removed, the motor recovers and runs normally.
Note:
1.
RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
Note:
2.
Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Ordering Information
Tube/Bulk
7” Tape and Reel
Device
Package
Code
Packaging
Quantity
Part Number Suffix
Quantity
Part Number Suffix
AH286-P
P
SIP-5
1000
-B
NA
NA
AH286-Y
Y
SOT89-5
NA
NA
2500/Tape & Reel
-13


Similar Part No. - AH286-PL-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH286-PL ANACHIP-AH286-PL Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH286-PLA ANACHIP-AH286-PLA Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
More results

Similar Description - AH286-PL-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com